Electronic Components Datasheet Search
  English  ▼

X  

LT1372 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1372
Description  500kHz and 1MHz High Efficiency 1.5A Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1372 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1372 Datasheet HTML 4Page - Linear Technology LT1372 Datasheet HTML 5Page - Linear Technology LT1372 Datasheet HTML 6Page - Linear Technology LT1372 Datasheet HTML 7Page - Linear Technology LT1372 Datasheet HTML 8Page - Linear Technology LT1372 Datasheet HTML 9Page - Linear Technology LT1372 Datasheet HTML 10Page - Linear Technology LT1372 Datasheet HTML 11Page - Linear Technology LT1372 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1372/LT1377
TYPICAL APPLICATIONS N
2 Li-Ion Cell to 5V SEPIC Converter
LT1372/LT1377
VIN
GND
VIN
4V TO 9V
1
2
8
5
4
6, 7
VC
FB
LT1372 • TA07
VSW
S/S
C1
33
µF
20V
C4
0.047
µF
C5
0.0047
µF
R1
2k
R3
6.19k
1%
R2
18.7k
1%
VOUT
†
5V
C3
100
µF
10V
ON
OFF
VIN
4V
5V
7V
9V
IOUT
0.45A
0.55A
0.65A
0.72A
L1A*
10
µH
•
•
L1B*
10
µH
C2
1
µF
C1 = AVX TPSD 336M020R0200
C2 = TOKIN 1E105ZY5U-C103-F
C3 = AVX TPSD107M010R0100
*SINGLE INDUCTOR WITH TWO WINDINGS
COILTRONICS CTX10-1
†MAX I
OUT
MBRS130LT3
+
+
RELATED PARTS
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
PART NUMBER
DESCRIPTION
COMMENTS
LT1370
High Efficiency DC/DC Converter
42V, 6A, 500kHz Switch
LT1767
1.5A, 1.25MHz Step-Down Switching Regulator
3V to 25V Input, VREF = 1.2V, Synchronizable Up to 2MHz, MSOP Package
LT1374
High Efficiency Step-Down Switching Regulator
25V, 4.5A, 500kHz Switch
LTC1735-1
High Efficiency Step-Down Controller with Power Good
Output Fault Protection, 16-Pin SSOP and SO-8
LTC
®3402
Single Cell, High Current (2A), Micropower, Synchronous
VIN = 0.7V to 5V, Up to 95% Efficiency Synchronizable Oscillator
3MHz Step-Up DC/DC Converter
from 100kHz to 3MHz
©LINEAR TECHNOLOGY CORPORATION 1995
sn13727 13727fbs LT/TP 0401 2K REV B • PRINTED IN THE USA
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
N8 1098
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
0.100
(2.54)
BSC
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com