Electronic Components Datasheet Search
  English  ▼

X  

LT1580 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1580
Description  7A, Very Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1580 Datasheet(HTML) 2 Page - Linear Technology

  LT1580 Datasheet HTML 1Page - Linear Technology LT1580 Datasheet HTML 2Page - Linear Technology LT1580 Datasheet HTML 3Page - Linear Technology LT1580 Datasheet HTML 4Page - Linear Technology LT1580 Datasheet HTML 5Page - Linear Technology LT1580 Datasheet HTML 6Page - Linear Technology LT1580 Datasheet HTML 7Page - Linear Technology LT1580 Datasheet HTML 8Page - Linear Technology LT1580 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1580/LT1580-2.5
ABSOLUTE MAXIMUM RATINGS
VPOWER Input Voltage ................................................ 6V
VCONTROL Input Voltage ........................................... 13V
Storage Temperature ............................ – 65
°C to 150°C
Operating Junction Temperature Range
Control Section
LT1580C ........................................... 0
°C to 125°C
LT1580I ........................................ – 40
°C to 125°C
Power Transistor
LT1580C ........................................... 0
°C to 150°C
LT1580I ........................................ – 40
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PRECONDITIONING
100% Thermal Limit Functional Test
ELECTRICAL CHARACTERISTICS (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage: LT1580-2.5
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 0mA
2.485
2.500
2.515
V
VCONTROL = 4V to 12V, VPOWER = 3V to 5.5V, ILOAD = 0mA to 4A
q
2.475
2.500
2.525
V
VCONTROL = 4V to 12V, VPOWER = 3V to 5.5V,
2.475
2.500
2.525
V
ILOAD = 0mA to 7A, 0°C ≤ TJ ≤ 125°C
VCONTROL = 4V to 12V, VPOWER = 3V to 5.5V,
2.460
2.500
2.525
V
ILOAD = 0mA to 6.5A, – 40°C ≤ TJ < 0°C
Reference Voltage: LT1580
VCONTROL = 2.75V, VPOWER = 2V, ILOAD = 10mA
1.243
1.250
1.257
V
(VADJ = 0V)
VCONTROL = 2.7V to 12V, VPOWER = 1.75V to 5.5V, ILOAD = 10mA to 4A
q
1.237
1.250
1.263
V
VCONTROL = 2.7V to 12V, VPOWER = 2.05V to 5.5V,
1.237
1.250
1.263
V
ILOAD = 10mA to 7A, 0°C ≤ TJ ≤ 125°C
VCONTROL = 2.7V to 12V, VPOWER = 2.05V to 5.5V,
1.232
1.250
1.263
V
ILOAD = 10mA to 6.5A, – 40°C ≤ TJ < 0°C
Line Regulation: LT1580-2.5
VCONTROL = 3.65V to 12V, VPOWER = 3V to 5.5V, ILOAD = 10mA
q
13
mV
LT1580
VCONTROL = 2.5V to 12V, VPOWER = 1.75V to 5.5V, ILOAD = 10mA
q
13
mV
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1580CT
LT1580IT
LT1580CQ
LT1580IQ
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1580CT7-2.5
LT1580IT7-2.5
LT1580CR-2.5
LT1580IR-2.5
Consult factory for Military grade parts.
θJA = 30°C/ W
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
NC
VPOWER
ADJ
VOUT
VCONTROL
GND
SENSE
7
6
5
4
3
2
1
TAB
IS
OUTPUT
θJA = 30°C/ W
Q PACKAGE
5-LEAD PLASTIC DD
TAB
IS
OUTPUT
FRONT VIEW
VPOWER
VCONTROL
VOUT
ADJ
SENSE
5
4
3
2
1
θJA = 50°C/ W
T PACKAGE
5-LEAD PLASTIC TO-220
VPOWER
VCONTROL
VOUT
ADJ
SENSE
FRONT VIEW
5
4
3
2
1
TAB
IS
OUTPUT
T7 PACKAGE
7-LEAD PLASTIC TO-220
NC
VPOWER
ADJ
VOUT
VCONTROL
GND
SENSE
FRONT VIEW
7
6
5
4
3
2
1
TAB
IS
OUTPUT
θJA = 50°C/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com