Electronic Components Datasheet Search
  English  ▼

X  

HD74LS373FPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS373FPEL
Description  Octal D-type Transparent Latches (with three-state outputs)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS373FPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS373FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev.2.00, Feb.18.2005, page 1 of 7
HD74LS373
Octal D-type Transparent Latches (with three-state outputs)
REJ03D0482–0200
Rev.2.00
Feb.18.2005
The HD74LS373, 8-bit register features totem-pole three-state outputs designed specifically for driving highly-
capacitive or relatively low-impedance loads. The high-impedance third state and increased high-logic-level drive
provide this register with the capacity of being connected directly to and driving the bus lines in a bus-organized system
without need for interface or pull-up components. They are particularly attractive for implementing buffer registers, I/O
ports, bidirectional bus drivers, and working registers.
The eight latches are transparent D-type latches meaning that while the enable (G) is high the Q outputs will follow the
data (D) inputs. When the enable is taken low the output will be latched at the level of the data that was setup.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS373P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74LS373FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74LS373RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
GND
Output
Control
1Q
1D
2D
2Q
3Q
3D
4D
4Q
8Q
7D
8D
7Q
6D
6Q
5D
Enable G
5Q
20
17
18
19
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Q
D
G
OE
Q
D
G
OE
Q
D
G
OE
Q
D
G
OE
Q
D
G
OE
Q
D
G
OE
Q
D
G
OE
Q
D
G
OE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com