Electronic Components Datasheet Search
  English  ▼

X  

LT1679 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1679
Description  Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1679 Datasheet(HTML) 1 Page - Linear Technology

  LT1679 Datasheet HTML 1Page - Linear Technology LT1679 Datasheet HTML 2Page - Linear Technology LT1679 Datasheet HTML 3Page - Linear Technology LT1679 Datasheet HTML 4Page - Linear Technology LT1679 Datasheet HTML 5Page - Linear Technology LT1679 Datasheet HTML 6Page - Linear Technology LT1679 Datasheet HTML 7Page - Linear Technology LT1679 Datasheet HTML 8Page - Linear Technology LT1679 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1678/LT1679
1
sn16789 16789fs
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
Dual/Quad Low Noise,
Rail-to-Rail, Precision Op Amps
■ Rail-to-Rail Input and Output
■ 100% Tested Low Voltage Noise:
3.9nV/√Hz Typ at 1kHz
5.5nV/√Hz Max at 1kHz
■ Single Supply Operation from 2.7V to 36V
■ Offset Voltage: 100µV Max
■ Low Input Bias Current: 20nA Max
■ High AVOL: 3V/µV Min, RL = 10k
■ High CMRR: 100dB Min
■ High PSRR: 106dB Min
■ Gain Bandwidth Product: 20MHz
■ Operating Temperature Range: – 40°C to 85°C
■ Matching Specifications
■ No Phase Inversion
■ 8-Lead SO and 14-Lead SO Packages
The LT
®1678/LT1679 are dual/quad rail-to-rail op amps
offering both low noise and precision: 3.9nV/√Hz wideband
noise, 1/f corner frequency of 4Hz and 90nV peak-to-peak
0.1Hz to 10Hz noise are combined with outstanding
precision: 100µV maximum offset voltage, greater than
100dB common mode and power supply rejection and
20MHz gain bandwidth product. The LT1678/LT1679 bring
precision as well as low noise to single supply applications as
low as 3V. The input range exceeds the power supply by
100mV with no phase inversion while the output can swing
to within 170mV of either rail.
The LT1678/LT1679 are offered in the SO-8 and SO-14
packages. A full set of matching specifications are also
provided, facilitating their use in matching dependent appli-
cations such as a two op amp instrumentation amplifier
design. The LT1678/LT1679 are specified for supply volt-
ages of ±15V, single 5V as well as single 3V. For a single
amplifier with similiar performance, see the LT1677 data
sheet.
Instrumentation Amplifier with Shield Driver
■ Strain Gauge Amplifiers
■ Portable Microphones
■
Battery-Powered Rail-to-Rail Instrumentation
■ Low Noise Signal Processing
■ Microvolt Accuracy Threshold Detection
■
Infrared Detectors
, LTC and LT are registered trademarks of Linear Technology Corporation.
0.1Hz to 10Hz Voltage Noise
+
–
1/4
LT1679
16789 TA01
+
–
–
+
1/4
LT1679
1/4
LT1679
–15V
15V
OUTPUT
1/4
LT1679
30k
1k
RF
3.4k
RG
100Ω
RF
3.4k
30k
1k
5
4
6
11
7
1
3
2
10
9
8
14
13
12
+
–
INPUT
GUARD
GUARD
RG
100Ω
+
–
GAIN = 1000
TIME (sec)
16789 TA01b
VS = ±2.5V
468
10
02


Similar Part No. - LT1679

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1679 LINER-LT1679 Datasheet
297Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679CS LINER-LT1679CS Datasheet
297Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679IS LINER-LT1679IS Datasheet
297Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results

Similar Description - LT1679

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com