Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1813
Description  Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology LT1813 Datasheet HTML 12Page - Linear Technology LT1813 Datasheet HTML 13Page - Linear Technology LT1813 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1813/LT1814
18134fa
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
100k
–30
–40
–50
–60
–70
–80
–90
–100
1M
10M
1813/14 G28
AV = 2
VS = ±5V
VO = 2VP-P
3RD HARMONIC
RL = 500Ω
2ND HARMONIC
RL = 500Ω
3RD HARMONIC
RL = 100Ω
2ND HARMONIC
RL = 100Ω
TOTAL SUPPLY VOLTAGE (V)
4
0
0.5
0.2
8
10
1813/14 G29
0.3
0.4
0.1
0
0.5
0.2
0.3
0.4
0.1
6
12
DIFFERENTIAL GAIN
RL = 150Ω
DIFFERENTIAL PHASE
RL = 150Ω
DIFFERENTIAL PHASE
RL = 1k
DIFFERENTIAL GAIN
RL = 1k
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
1813/14 G30
30
20
10
0
90
100
TA = 25°C
VS = ±5V
AV = 1
AV = –1
2nd and 3rd Harmonic Distortion
vs Frequency
Differential Gain and Phase
vs Supply Voltage
Capacitive Load Handling
Small-Signal Transient (AV = 1)
Small-Signal Transient (AV = –1)
Small-Signal Transient
(AV = 1, CL = 100pF)
1813/14 G31
1813/14 G32
1813/14 G33
Large-Signal Transient (AV = 1)
Large-Signal Transient (AV = –1)
Large-Signal Transient
(AV = –1, CL = 200pF)
1813/14 G34
1813/14 G35
1813/14 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com