Electronic Components Datasheet Search
  English  ▼

X  

LT1819 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1819
Description  400MHz, 2500V/s, 9mA Single/Dual Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1819 Datasheet(HTML) 4 Page - Linear Technology

  LT1819 Datasheet HTML 1Page - Linear Technology LT1819 Datasheet HTML 2Page - Linear Technology LT1819 Datasheet HTML 3Page - Linear Technology LT1819 Datasheet HTML 4Page - Linear Technology LT1819 Datasheet HTML 5Page - Linear Technology LT1819 Datasheet HTML 6Page - Linear Technology LT1819 Datasheet HTML 7Page - Linear Technology LT1819 Datasheet HTML 8Page - Linear Technology LT1819 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT1818/LT1819
4
18189fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 9) VS = ±5V, VCM = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GBW
Gain-Bandwidth Product
f = 4MHz, RL = 500Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
270
260
250
400
MHz
MHz
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V Step
0.6
ns
tPD
Propagation Delay
AV = 1, 50% to 50%, 0.1V Step
1.0
ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
20
%
tS
Settling Time
AV = –1, 0.1%, 5V
10
ns
HD
Harmonic Distortion
HD2, AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
HD3, AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–85
–89
dBc
dBc
dG
Differential Gain
AV = 2, RL = 150Ω
0.07
%
dP
Differential Phase
AV = 2, RL = 150Ω
0.02
DEG
IS
Supply Current
Per Amplifier
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
910
13
14
mA
mA
mA
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
(Note 9) VS = 5V, 0V; VCM = 2.5V, RL to 2.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
0.4
2.0
2.5
3.5
mV
mV
mV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 7)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
10
10
15
30
μV/°C
μV/°C
IOS
Input Offset Current
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
60
800
1000
1200
nA
nA
nA
IB
Input Bias Current
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
–2.4
±8
±10
±12
μA
μA
μA
en
Input Noise Voltage Density
f = 10kHz
6
nV/√Hz
in
Input Noise Current Density
f = 10kHz
1.4
pA/√Hz
RIN
Input Resistance
VCM = V– + 1.5V to V+ – 1.5V
Differential
1.5
5
750
MΩ
kΩ
CIN
Input Capacitance
1.5
pF
VCM
Input Voltage Range (Positive)
Guaranteed by CMRR
TA = –40°C to 85°C
l
3.5
3.5
4.2
V
V
Input Voltage Range (Negative)
Guaranteed by CMRR
TA = –40°C to 85°C
l
0.8
1.5
1.5
V
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
73
71
70
82
dB
dB
dB
Minimum Supply Voltage
Guaranteed by PSRR
TA = –40°C to 85°C
l
±1.25
±2
±2
V
V
PSRR
Power Supply Rejection Ratio
VS = 4V to 11V
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
78
76
75
97
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com