Electronic Components Datasheet Search
  English  ▼

X  

LT6013 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6013
Description  Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6013 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6013 Datasheet HTML 3Page - Linear Technology LT6013 Datasheet HTML 4Page - Linear Technology LT6013 Datasheet HTML 5Page - Linear Technology LT6013 Datasheet HTML 6Page - Linear Technology LT6013 Datasheet HTML 7Page - Linear Technology LT6013 Datasheet HTML 8Page - Linear Technology LT6013 Datasheet HTML 9Page - Linear Technology LT6013 Datasheet HTML 10Page - Linear Technology LT6013 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT6013/LT6014
7
60134fb
VOUT
Maximum Output Swing
No Load, 50mV Overdrive
45
80
mV
(Positive, Referred to V+)
●
100
mV
ISOURCE = 1mA, 50mV Overdrive
140
195
mV
●
240
mV
Maximum Output Swing
No Load, 50mV Overdrive
45
80
mV
(Negative, Referred to V–)
●
100
mV
ISINK = 1mA, 50mV Overdrive
150
250
mV
●
300
mV
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive (Source)
8
15
mA
(Note 3)
●
5mA
VOUT = 0V, –1V Overdrive (Sink)
8
20
mA
●
5mA
SR
Slew Rate
AV = –10, RF = 50k, RG = 5k
0.15
0.2
V/µs
TA = 0°C to 70°C
●
0.12
V/µs
TA = –40°C to 85°C
●
0.1
V/µs
GBW
Gain Bandwidth Product
f = 10kHz
1.1
1.6
MHz
●
1
MHz
ts
Settling Time
AV = –4, 0.01%, VOUT = 0V to 10V
40
µs
tr, tf
Rise Time, Fall Time
AV = 5, 10% to 90%, 0.1V Step
0.9
µs
∆VOS
Offset Voltage Match (Note 7)
LT6014AS8
50
270
µV
TA = 0°C to 70°C
●
320
µV
TA = –40°C to 85°C
●
370
µV
LT6014ADD
50
320
µV
TA = 0°C to 70°C
●
420
µV
TA = –40°C to 85°C
●
450
µV
LT6014S8
70
300
µV
TA = 0°C to 70°C
●
350
µV
TA = –40°C to 85°C
●
400
µV
LT6014DD
80
400
µV
TA = 0°C to 70°C
●
500
µV
TA = –40°C to 85°C
●
550
µV
∆IB
Input Bias Current Match (Note 7)
LT6014AS8, LT6014ADD
200
800
pA
TA = 0°C to 70°C
●
1200
pA
TA = –40°C to 85°C
●
1400
pA
LT6014S8, LT6014DD
300
1600
pA
TA = 0°C to 70°C
●
2000
pA
TA = –40°C to 85°C
●
2400
pA
∆CMRR
Common Mode Rejection Ratio
LT6014
●
109
135
dB
Match (Note 7)
∆PSRR
Power Supply Rejection Ratio
LT6014
●
106
135
dB
Match (Note 7)
IS
Supply Current
per Amplifier
200
250
µA
TA = 0°C to 70°C
●
290
µA
TA = –40°C to 85°C
●
310
µA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, VCM = 0V, RL to 0V, unless otherwise specified. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com