Electronic Components Datasheet Search
  English  ▼

X  

KTC3265 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3265
Description  EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER,POWER SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3265 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3265 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3265 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - KTC3265

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
KTC3265 BILIN-KTC3265 Datasheet
216Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTC3265 WEITRON-KTC3265 Datasheet
328Kb / 4P
NPN General Purpose Transistors
logo
Shenzhen Jin Yu Semicon...
KTC3265 HTSEMI-KTC3265 Datasheet
526Kb / 2P
TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
KTC3265 SECOS-KTC3265 Datasheet
226Kb / 2P
0.8A , 35V NPN Plastic Encapsulated Transistor
logo
GUANGDONG HOTTECH INDUS...
KTC3265 HOTTECH-KTC3265 Datasheet
167Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - KTC3265

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD2115 HITACHI-2SD2115 Datasheet
31Kb / 5P
Silicon NPN Epitaxial Planar(Low frequency power amplifier)
logo
KEC(Korea Electronics)
KTA1298 KEC-KTA1298 Datasheet
248Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER, POWER SWITCHING)
KTB772 KEC-KTB772 Datasheet
297Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
KTC2814 KEC-KTC2814 Datasheet
410Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC2815D KEC-KTC2815D Datasheet
405Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC3209 KEC-KTC3209 Datasheet
410Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC3266 KEC-KTC3266 Datasheet
73Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC4379 KEC-KTC4379 Datasheet
381Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTD1882 KEC-KTD1882 Datasheet
69Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
KTD882 KEC-KTD882 Datasheet
315Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com