Electronic Components Datasheet Search
  English  ▼

X  

KTC3503 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3503
Description  TRIPLE DIFFUSED PNP TRANSISTOR(HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3503 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3503 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3503 Datasheet HTML 2Page - KEC(Korea Electronics) KTC3503 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 7. 24
2/3
KTC3503
Revision No : 3
COLLECTOR-EMITTER VOLTAGE V
(V)
6
8
2
4
0
02
10
I =60µA
8
I =10µA
I =20µA
I =40µA
I =30µA
I =0
I =50µA
4
B
B
B
B
B
B
B
6
CE
10
I - V
C
CE
BASE-EMITTER VOLTAGE V
(V)
60
80
20
40
0
0
0.2
100
0.8
0.4
0.6
BE
1.0
I - V
C
BE
120
V =10V
CE
COLLECTOR CURRENT I
(mA)
30
10
30
0.5
50
13
10
C
100
100
300
500
f - I
T
C
V =30V
CE
COLLECTOR BASE VOLTAGE V
(V)
0.5
3
1
1
50
30
10
5
30
3
CB
10
100
C
- V
Ob
CB
f =1MHz
T
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
I - V
C
CE
0
0
4
8
12
16
20
I =0
B
I =20µA
B
I =40µA
B
I =60µA
B
I =80µA
B
I =100µA
B
I =120µA
B
24
6
8
10
COLLECTOR CURRENT I (mA)
h
- I
FE
C
V =10V
300
100
50
30
10
100
30
10
3
1
0.5
500
Ta=75 C
Ta=25 C
Ta=-25 C
CE
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com