Electronic Components Datasheet Search
  English  ▼

X  

KTC3879 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3879
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, HF VHF BAND AMPLIFIER)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3879 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3879 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3879 Datasheet HTML 2Page - KEC(Korea Electronics) KTC3879 Datasheet HTML 3Page - KEC(Korea Electronics) KTC3879 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - KTC3879

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
KTC3879 HTSEMI-KTC3879 Datasheet
485Kb / 1P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
KTC3879 SECOS-KTC3879 Datasheet
59Kb / 1P
0.05A , 35V NPN Plastic Encapsulated Transistor
logo
MAKO SEMICONDUCTOR CO.,...
KTC3879 MAKOSEMI-KTC3879 Datasheet
133Kb / 2P
Plastic-Encapsulate Transistors
logo
GUANGDONG HOTTECH INDUS...
KTC3879 HOTTECH-KTC3879 Datasheet
201Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - KTC3879

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BFQ31 KEC-BFQ31 Datasheet
128Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
BFS20 KEC-BFS20 Datasheet
125Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC3192 KEC-KTC3192 Datasheet
412Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, HF, VHF BAND AMPLIFIER)
KTC3193 KEC-KTC3193 Datasheet
444Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, HF, VHF BAND AMPLIFIER)
KTC3197 KEC-KTC3197 Datasheet
623Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC3881 KEC-KTC3881 Datasheet
385Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC4079 KEC-KTC4079 Datasheet
427Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, HF VHF BAND AMPLIFIER)
KTC4081 KEC-KTC4081 Datasheet
381Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC9011 KEC-KTC9011 Datasheet
107Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, HF VHF BAND AMPLIFIER)
KTC9016 KEC-KTC9016 Datasheet
118Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, HF, VHF BAND AMPLIFIER)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com