| Electronic Components Datasheet Search |
|
AN2645 Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2645 Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 36 page ![]() Block-by-block compatibility analysis AN2645 34/36 3.7.8 Option bytes As the block of option bytes is placed in the last page of EEPROM data memory its position varies in address space. The basic structure of the option byte area is compatible across the family. There are some differences in the actual settings and option bit meanings between sub-families. The first difference is in the OPT1 option bits setting which controls the User Boot Code (UBC) protected area. The settings differ due to the different page sizes in each sub-family which are described in Section 3.7.1: Flash program memory on page 30. Some settings are reserved depending on the size the FLASH program memory and in some cases the same code can correspond to a different number of pages in some sub-families. The next difference is in the OPT2 option bits settings which enable the alternate option functions for the GPIOs. The option bits of this register have the same meaning for the STM8S208x, 207x and 105x sub-families, but they differ for the STM8S103x sub-family and differ again for the STM8S903x sub-family. For STM8S103x these bits are divided into two groups. Bits 6,5,1 and 0 are for the STM8S103K (32-pin device) and bits 7,5.4 and 3 are for STM8S103F (20-pin device). In the OPT3 option, the HSITRIM bit is present in Access line but not in Performance line devices. This bit controls the number of calibration steps when the HSI clock frequency is trimmed (see Section 3.6.2: HSI clock frequency). The OPT5 register settings differ between Access and Performance line. Optional HSE oscillator stabilization time has two times higher numbers of clock periods for Performance line. The OPT7 register (FLASH memory access wait states) settings is used only in the STM8S Performance line family. The OPTBL optional switching the reset vector to the boot loader area is not available for the 103x sub-family where any boot loader area memory is not present. 22 ADC1/ ADC2 0x8060 ADC2 End of conversion interrupt ADC1 End of conversion/Analog watchdog interrupts ADC1 End of conversion/Analog watchdog interrupts ADC1 End of conversion/Analog watchdog interrupts 23 TIM4/TIM6 0x8064 TIM4 Update/Overflow TIM4 Update/Overflow TIM4 Update/Overflow TIM6 Update/Overflow/ Trigger Table 30. Interrupt vector table differences (continued) Priority Source block Interrupt vector address STM8S208x STM8S207x STM8S105x STM8S103x STM8S903x |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |