Electronic Components Datasheet Search
  English  ▼

X  

AN2710 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2710
Description  Safe GPIO port configuration in STR7xx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2710 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2710 Datasheet HTML 12Page - STMicroelectronics AN2710 Datasheet HTML 13Page - STMicroelectronics AN2710 Datasheet HTML 14Page - STMicroelectronics AN2710 Datasheet HTML 15Page - STMicroelectronics AN2710 Datasheet HTML 16Page - STMicroelectronics AN2710 Datasheet HTML 17Page - STMicroelectronics AN2710 Datasheet HTML 18Page - STMicroelectronics AN2710 Datasheet HTML 19Page - STMicroelectronics AN2710 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
STR75x general-purpose I/O ports (GPIO)
AN2710
16/30
2.1.4
Output configuration
When the I/O port is programmed as an output:
●
The output buffer is enabled:
–
Open Drain mode: a “0” in the output latch activates the N-MOS while a “1” in the
output latch leaves the port in Hi-Z (the P-MOS is never activated)
–
Push-Pull mode: a “0” in the output latch activates the N-MOS while a “1” in the
output latch activates the P-MOS
●
The Schmitt trigger input is activated
●
The analog switch is disabled
●
The weak pull-up and pull-down resistors are disabled
●
The data present on the I/O pin is sampled into the input latch with every APB clock
cycle
●
A read access to the I/O Data register gets:
–
the output latch value in Push-Pull mode (which corresponds to the last data
written)
–
the input latch value in Open-Drain mode
Figure 9 shows the output configuration of the I/O port bit.
Figure 9.
Output configuration
Push-pull or
open-drain
Output
control
I/O pin
VDD_IO
VSS
TTL Schmitt
trigger
VSS
VDD_IO
Protection
diode
Protection
diode
ON
Input driver
Output driver
Read/write
P-MOS
N-MOS
ai14924



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com