Electronic Components Datasheet Search
  English  ▼

X  

AN2752 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2752
Description  Getting started with the STM8S and STM8A
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2752 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2752 Datasheet HTML 32Page - STMicroelectronics AN2752 Datasheet HTML 33Page - STMicroelectronics AN2752 Datasheet HTML 34Page - STMicroelectronics AN2752 Datasheet HTML 35Page - STMicroelectronics AN2752 Datasheet HTML 36Page - STMicroelectronics AN2752 Datasheet HTML 37Page - STMicroelectronics AN2752 Datasheet HTML 38Page - STMicroelectronics AN2752 Datasheet HTML 39Page - STMicroelectronics AN2752 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
AN2752
Revision history
Doc ID 14651 Rev 5
39/40
12
Revision history
Table 3.
Document revision history
Date
Revision
Changes
03-Jun-2008
1
Initial release
01-Sep-2008
2
STM8S207/208 replaced by STM8S20xxx
Figure 10: Reference design on page 19 and Figure 12: LQFP 80-
pin pinout on page 21 modified to be in line with the pin description of
the STM8S20xxx datasheet
Figure 7: Reset management on page 14 modified
01-Apr-2009
3
Modified Section 2.2: Main operating voltages on page 8
05-Aug-2011
4
Table 1: General operating conditions: replaced
Figure 10: Reference design on page 19: updated the value of the
C4 capacitor.
31-Aug-2011
5
Added STM8A throughout the document as this revision covers
STM8A devices.
Replaced “Root part number 2” with STM8S and STM8A.
Updated Section 2.2: Main operating voltages: removed Table 1:
General operating conditions and added a reference to the STM8S
and STM8A datasheets.
Removed Section 5.2: Hardware reset implantation.
Table 1: Component list: updated ‘Reference’ value for ‘ID’ 6.
Removed Section 7.3: Pinouts.
Updated references in Section 11: Documentation and online
support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com