Electronic Components Datasheet Search
  English  ▼

X  

AN2777 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2777
Description  A new high-temperature TRIAC family
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2777 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2777 Datasheet HTML 5Page - STMicroelectronics AN2777 Datasheet HTML 6Page - STMicroelectronics AN2777 Datasheet HTML 7Page - STMicroelectronics AN2777 Datasheet HTML 8Page - STMicroelectronics AN2777 Datasheet HTML 9Page - STMicroelectronics AN2777 Datasheet HTML 10Page - STMicroelectronics AN2777 Datasheet HTML 11Page - STMicroelectronics AN2777 Datasheet HTML 12Page - STMicroelectronics AN2777 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN2777
Vacuum cleaner requirements
Doc ID 14748 Rev 1
11/13
3.4
Jammed nozzle operation
For vacuum cleaners, the worst operating condition occurs when the tube is blocked. This
operation does not lead to a higher current. On the contrary, as there is no air flow anymore,
the motor torque is lower and the motor rms current can decrease down to 8 A.
In fact, the stress comes from the fact that the heatsink thermal impedance drastically
increases as there is no cooling air flow anymore. The case temperature can then reach up
to 120 or 140 °C. The TRIAC (dI/dt)c capability is then highly reduced. This can cause failed
turn-off. The motor suddenly goes from low speed to high speed with a half-cycle full
conduction mode. Such operation causes noise variation and vacuum cleaner vibration.
Appliance manufacturers try to reduce this kind of behavior as much as possible, since it
may give a poor quality image of their equipment to the end-user.
This is the reason why some closed-box tests are usually performed by vacuum cleaner
designers to check the TRIAC’s ability to withstand such a stressful operation. We have
performed such a test with the following conditions:
●
TRIAC enclosed in a 10.5 x 8 x 5 cm cardboard box
●
Plastic foam around the box to thermally insulate it
●
1000 W, 110 V motor to reach 17 A/ms dI/dtOFF rate
●
Motor rms current: 5.5 A (medium speed)
●
Line voltage: 120 V, 60 Hz
●
No heatsink
Figure 12.
TRIAC performance comparison for closed-box test
The case temperature is measured from motor start-up to spurious TRIAC turn-off.
Figure 12 gives the results with the T1235H-6I and other 12 A, 600 V, 35 mA, 150 °C TRIAC
devices in insulated packages. Device A case temperature increases faster than all other
devices. This means that its power losses are higher than the other devices. This could be
certainly due to a smaller die size. Device B heating time is the slowest. But this device is
only able to withstand the dI/dtOFF rate up to a 116 °C case temperature, whereas the
T1235H works up to 156 °C. Device C presents the same power losses as the T1235H but
works well only up to 144 °C.
Using a T1235H device thus helps to withstand the closed-box test by more than 1 mn
beyond the other devices.
0
20
40
60
80
100
120
140
160
180
0
50
100
150
200
250
time (s)
Tcase (°C)
T1235H - ST
Device A
Device B
Device C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com