Electronic Components Datasheet Search
  English  ▼

X  

AN2859 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2859 Datasheet HTML 14Page - STMicroelectronics AN2859 Datasheet HTML 15Page - STMicroelectronics AN2859 Datasheet HTML 16Page - STMicroelectronics AN2859 Datasheet HTML 17Page - STMicroelectronics AN2859 Datasheet HTML 18Page - STMicroelectronics AN2859 Datasheet HTML 19Page - STMicroelectronics AN2859 Datasheet HTML 20Page - STMicroelectronics AN2859 Datasheet HTML 21Page - STMicroelectronics AN2859 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Conclusion
AN2859
18/29
DocID15255 Rev 2
6
Conclusion
This application note illustrates how designers can diagnose the state of two AC switches
with only one single microcontroller ADC input. The way to implement this solution in the
application and the external resistor choice is described in this document.
This solution is used to detect the failure modes of two AC switches and to inform the MCU
so that appropriate actions to put the system into a safe state can be taken. This function
improves the system safety by detecting "diode mode" in both polarities of the AC mains,
"short circuit" and "open circuit" of each AC switch independently.
The main benefit of this solution is to reduce the cost of the microcontroller when a platform
needs to monitor several AC switches because it requires one less pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29