Electronic Components Datasheet Search
  English  ▼

X  

LT6014 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6014
Description  Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014 Datasheet(HTML) 1 Page - Linear Technology

  LT6014 Datasheet HTML 1Page - Linear Technology LT6014 Datasheet HTML 2Page - Linear Technology LT6014 Datasheet HTML 3Page - Linear Technology LT6014 Datasheet HTML 4Page - Linear Technology LT6014 Datasheet HTML 5Page - Linear Technology LT6014 Datasheet HTML 6Page - Linear Technology LT6014 Datasheet HTML 7Page - Linear Technology LT6014 Datasheet HTML 8Page - Linear Technology LT6014 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6013/LT6014
1
60134fb
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Single/Dual 145µA,
9.5nV/√Hz, AV ≥5, Rail-to-Rail
Output Precision Op Amps
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
■ Thermocouple Amplifiers
■ Precision Photodiode Amplifiers
■ Instrumentation Amplifiers
■ Battery-Powered Precision Systems
■ Low-Voltage Precision Systems
■ Micro-Power Sensor Interface
■ 35µV Maximum Offset Voltage (LT6013A)
■ Low 1/f Noise: 200nVP-P (0.1Hz to 10Hz)
40nVRMS (0.1Hz to 10Hz)
■ Low White Noise: 9.5nV/√Hz (1kHz)
■ Rail-to-Rail Output Swing
■ 145µA Supply Current per Amplifier
■ 250pA Maximum Input Bias Current (LT6013A)
■ AV ≥5 Stable; Up to 500pF CLOAD
■ 0.2V/µs Slew Rate
■ 1.4MHz Gain Bandwidth Product
■ 120dB Minimum Voltage Gain, VS = ±15V
■ 0.8µV/°C Maximum VOS Drift
■ 2.7V to ±18V Supply Voltage Operation
■ Operating Temperature Range: – 40°C to 85°C
■ Available in SO-8 and Space Saving 3mm × 3mm
DFN Packages
The LT
®6013 and LT6014 op amps combine low noise and
high precision input performance with low power con-
sumption and rail-to-rail output swing. The amplifiers are
stable in a gain of 5 or more and feature greatly improved
CMRR and PSRR versus frequency compared to other
precision op amps.
Input offset voltage is factory-trimmed to less than 35µV.
The low drift and excellent long-term stability ensure a
high accuracy over temperature and time. The 250pA
maximum input bias current and 120dB minimum voltage
gain further maintain this precision over operating
conditions.
The LT6013 and LT6014 operate from any supply voltage
from 2.7V to 36V and draw only 145µA of supply current
per amplifier on a 5V supply. The output swings to within
40mV of either supply rail, making the amplifiers very
useful for low voltage single supply operation.
The amplifiers are fully specified at 5V and ±15V supplies
and from –40°C to 85°C. The single LT6013 and dual
LT6014 are both available in SO-8 and space saving
3mm × 3mm DFN packages. For unity gain stable ver-
sions, refer to the LT6010 and LT6011 data sheets.
Gain of 10 Single Ended to Differential Converter
–
+
1/2 LT6014
V+
V–
8.06k
2k
VIN
5 • VIN
60134 TA01a
+
–
1/2 LT6014
10k
2k
–5 • VIN
LT6013/LT6014 0.1Hz to 10Hz Voltage Noise
TIME (SEC)
0
8
60134 TA01b
246
10
7
135
9
VS = 5V, 0V
TA = 25°C
EQUIVALENT RMS VOLTAGE = 40nVRMS


Similar Part No. - LT6014

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6014 LINER-LT6014 Datasheet
304Kb / 16P
Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
LT6014ACDD LINER-LT6014ACDD Datasheet
304Kb / 16P
Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
LT6014ACS8 LINER-LT6014ACS8 Datasheet
304Kb / 16P
Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
LT6014AIDD LINER-LT6014AIDD Datasheet
304Kb / 16P
Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
LT6014AIS8 LINER-LT6014AIS8 Datasheet
304Kb / 16P
Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
More results

Similar Description - LT6014

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6003 LINER-LT6003_15 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
LT6004 LINER-LT6004_15 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com