Electronic Components Datasheet Search
  English  ▼

X  

LT6558 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6558
Description  Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6558 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6558 Datasheet HTML 3Page - Linear Technology LT6558 Datasheet HTML 4Page - Linear Technology LT6558 Datasheet HTML 5Page - Linear Technology LT6558 Datasheet HTML 6Page - Linear Technology LT6558 Datasheet HTML 7Page - Linear Technology LT6558 Datasheet HTML 8Page - Linear Technology LT6558 Datasheet HTML 9Page - Linear Technology LT6558 Datasheet HTML 10Page - Linear Technology LT6558 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT6558
7
6558f
Enable/Disable Response
Large-Signal Transient Response
TIME (ns)
0
3
4
5
6558 G29
2
1
0
2
4
6
8
10 12 14 16 18 20
VS = 5V
VIN = 2VP-P
RL = 150Ω
⎯E⎯N (Pin 1): Enable Control Pin. The part is enabled when
this pin is pulled low. An internal pull-up resistor of 40k
will turn the part off if this pin is unconnected.
GND (Pin 2): Ground Reference for Enable Pin (Pin 1)
and Bias Control Voltage Pin (Pin 16). This pin must be
connected externally to ground.
IN R (Pin 3): Red Channel Input. This pin has a nominal
impedance of 450kΩ with input bias circuit inactive,
Pin 16 open.
GND R (Pin 4): Ground of Red Channel Amplifier. This pin
is not internally connected to other ground pins and must
be connected externally to ground.
IN G (Pin 5): Green Channel Input. This pin has a nomi-
nal impedance of 450kΩ with input bias circuit inactive,
Pin 16 open.
GND G (Pin 6): Ground of Green Channel Amplifier. This
pin is not internally connected to other ground pins and
must be connected externally to ground.
IN B (Pin 7): Blue Channel Input. This pin has a nominal
impedance of 450kΩ with input bias circuit inactive,
Pin 16 open.
GND B (Pin 8): Ground of Blue Channel Amplifier. This
pin is not internally connected to other ground pins and
must be connected externally to ground.
TYPICAL PERFORMANCE CHARACTERISTICS
Input Noise Spectral Density
TIME (
µs)
0
–1
1
3
4
5
6558 G28
2
6
1.2
2.6
0.8
0.4
0
1.6
2.0
2.4
VEN(DISABLE)
VEN(ENABLE)
VOUT
VS = 5V
VOUT = 2VP-P
RL = 150Ω
Small-Signal Transient Response
TIME (ns)
2.60
6558 G30
2.45
2.65
VS = 5V
VIN = 100mVP-P
RL = 150Ω
2.55
2.50
0
2
4
6
8
10 12 14 16 18 20
PIN FUNCTIONS
FREQUENCY (kHz)
0.01
1
100
1000
0.1
1
100
10
6558 G27
10
0
100
1000
10
+in
en
VS = 5V
VIN = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com