Electronic Components Datasheet Search
  English  ▼

X  

LTC1051 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1051
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1051 Datasheet(HTML) 4 Page - Linear Technology

  LTC1051 Datasheet HTML 1Page - Linear Technology LTC1051 Datasheet HTML 2Page - Linear Technology LTC1051 Datasheet HTML 3Page - Linear Technology LTC1051 Datasheet HTML 4Page - Linear Technology LTC1051 Datasheet HTML 5Page - Linear Technology LTC1051 Datasheet HTML 6Page - Linear Technology LTC1051 Datasheet HTML 7Page - Linear Technology LTC1051 Datasheet HTML 8Page - Linear Technology LTC1051 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1051/LTC1053
4
10513fa
SUPPLY VOLTAGE (±V)
0
1051/53 G01
12
3
4
5
6
78
8
6
4
2
0
–2
–4
–6
–8
VCM = V
–
TOTAL SUPPLY VOLTAGE, V+ TO V – (V)
4
4.0
3.5
3.0
2.5
2.0
68
10
12
1051/53 G02
14
16
TA = 25°C
AMBIENT TEMPERATURE, TA (°C)
–50
5
4
3
2
1
0
50
75
1051/53 G03
–25
25
100
125
VS = ±5V
TOTAL SUPPLY VOLTAGE V+ TO V – (V)
4
1.50
1.25
1.00
0.75
0.50
0.25
0
6
810
12
1051/53 G04
14
16
TA = 25°C
AMBIENT TEMPERATURE, TA (°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1051/53 G05
–25
25
100
125
VS = ±5V
FREQUENCY (Hz)
160
140
120
100
80
60
40
20
0
1
100
1k
1051/53 G08
10
10k
100k
VS = ±5V
TA = 25°C
AC COMMON MODE IN = 0.5VP-P
Supply Current vs Supply Voltage
Per Op Amp
Output Short-Circuit Current vs
Supply Voltage
Common Mode Input Range vs
Supply Voltage
Sampling Frequency vs Supply
Voltage
Sampling Frequency vs
Temperature
Supply Current vs Temperature
Per Op Amp
Gain/Phase vs Frequency
CMRR vs Frequency
Gain/Phase vs Frequency
FREQUENCY (Hz)
120
100
80
60
40
20
0
–20
–40
100
10k
100k
10M
1051/53 G06
1k
1M
VS = ±5V
CL = 100pF
RL ≥ 1k
TA = 25°C
60
80
100
120
140
160
180
200
220
TOTAL SUPPLY VOLTAGE, V+ TO V – (V)
4
6
4
2
0
–10
–20
–30
6
810
12
1051/53 G07
14
16
VOUT = V
–
VOUT = V
+
ISOURCE
ISINK
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
120
100
80
60
40
20
0
–20
–40
100
10k
100k
10M
1051/53 G09
1k
1M
VS = ±2.5V
CL = 100pF
RL ≥ 1k
TA = 25°C
–60
–80
–100
–120
–140
–160
–180
–200
–220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com