Electronic Components Datasheet Search
  English  ▼

X  

KTC4217 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4217
Description  TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT AND AUDIO OUTPUT)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4217 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4217 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4217 Datasheet HTML 2Page - KEC(Korea Electronics) KTC4217 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 7. 24
2/3
KTC4217
Revision No : 1
f
- I
C
COLLECTOR CURRENT I (mA)
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
20
40
60
80
100
0.2mA
I =0mA
B
B
I =0µA
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
3
5
10
30 50
100
COMMON EMITTER
V
=10V
TC
2468
10
0.4mA
0.6mA
0.8mA
1.6mA
1.0mA
1.2mA
1.4mA
COMMON
Ta=25 C
EMITTER
10
20
30
40
50
10
20
30
40
50
50µA
100µA
150µA
200µA
250µA
300µA
350µA
BASE-EMITTER VOLTAGE V
(V)
0
0
0.2
V =10V
200
EMITTER
COMMON
BE
I
- V
CBE
0.4
0.6
0.8
1.0
1.2
1.4
20
40
60
80
180
160
140
120
100
CE
COLLECTOR CURRENT I
(mA)
1
3
50
30
100
300
100
10
30
C
300
Ta=-25 C
h
- I
FE
V =10V
CE
C
10
Ta=25 C
Ta=75 C
1
5
10
30
50
100
200
CE
1
50
10
0.3
0.1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
ob
CB
13
3
5
10
30
50
100
f=1MHz
30
0.5
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com