Electronic Components Datasheet Search
  English  ▼

X  

LMBR0540T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBR0540T1G
Description  Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR0540T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBR0540T1G Datasheet HTML 1Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 2Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 3Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 4Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current
(At Rated VR, TC = 115°C)
IO
0.5
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 20 kHz, TC = 115°C)
IFRM
1.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave,
Single Phase, 60 Hz)
IFSM
5.5
A
Storage/Operating Case Temperature Range
Tstg, TC
−55 to +150
°C
Operating Junction Temperature
TJ
−55 to +150
°C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dv/dt
1000
V/
ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance − Junction−to−Lead (Note 1)
Thermal Resistance − Junction−to−Ambient (Note 2)
Rtjl
Rtja
118
206
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 3)
vF
TJ = 25°C
TJ = 100°C
V
(iF = 0.5 A)
(iF = 1 A)
0.55
0.65
0.53
0.63
Maximum Instantaneous Reverse Current (Note 3)
IR
TJ = 25°C
TJ = 100°C
mA
(VR = 40 V)
(VR = 20 V)
20
10
13,000
5,000
1. Mounted with minimum recommended pad size, PC Board FR4.
2. 1 inch square pad size (1 X 0.5 inch for each lead) on FR4 board.
3. Pulse Test: Pulse Width
≤ 250 ms, Duty Cycle ≤ 2.0%.
LMBR0540T1G
Rev.O 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com