Electronic Components Datasheet Search
  English  ▼

X  

KTC4512 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC4512
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER AMPLIFIER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4512 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC4512 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4512 Datasheet HTML 2Page - KEC(Korea Electronics) KTC4512 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1999. 6. 24
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC4512
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
HIGH POWER AMPLIFIER APPLICATION.
FEATURES
Recommended for 30W 35W Audio Frequency
Amplifier Output Stage.
Complementary to KTA1726.
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
TO-220AB
10.30 MAX
15.30 MAX
0.80
Φ3.60 0.20
3.00
6.70 MAX
13.60 0.50
5.60 MAX
0.50
1.50 MAX
2.54
4.70 MAX
2.60
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
A
MM
123
L
C
K
J
P
D
1.37 MAX
1.50 MAX
R
S
C
T
Q1.50
R
9.50 0.20
S
8.00 0.20
T
2.90 MAX
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification
R:55~110, O:80~160.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
6
A
Base Current
IB
3
A
Collector Power Dissipation (Tc=25 )
PC
50
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=80V, IE=0
-
-
10
A
Emitter Cut-off Current
IEBO
VEB=6V, IC=0
-
-
10
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=25mA, IB=0
80
-
-
V
DC Current Gain
hFE (Note)
VCE=4V, IC=2A
55
-
160
Collector-Emitter Saturation Voltage
VCE(sat)
IC=2A, IB=0.2A
-
-
0.5
V
Transition Frequency
fT
VCE=12V, IC=0.5A
-
20
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
150
-
pF


Similar Part No. - KTC4512

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4511 KEC-KTC4511 Datasheet
488Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER AMPLIFIER)
logo
Foshan Blue Rocket Elec...
KTC4511 FOSHAN-KTC4511 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
KEC(Korea Electronics)
KTC4511-D KEC-KTC4511-D Datasheet
488Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER AMPLIFIER)
More results

Similar Description - KTC4512

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1725 KEC-KTA1725 Datasheet
487Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTB2955 KEC-KTB2955 Datasheet
267Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTC2803 KEC-KTC2803 Datasheet
237Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY HIGH FREQUENCY POWER AMPLIFIER)
KTC2814 KEC-KTC2814 Datasheet
410Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC2815D KEC-KTC2815D Datasheet
405Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC3209 KEC-KTC3209 Datasheet
410Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC3266 KEC-KTC3266 Datasheet
73Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC4379 KEC-KTC4379 Datasheet
381Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC4511 KEC-KTC4511 Datasheet
488Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER AMPLIFIER)
TIP33C KEC-TIP33C Datasheet
73Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER AMPLIFIER)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com