Electronic Components Datasheet Search
  English  ▼

X  

LTC1380 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1380
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1380 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1380 Datasheet HTML 2Page - Linear Technology LTC1380 Datasheet HTML 3Page - Linear Technology LTC1380 Datasheet HTML 4Page - Linear Technology LTC1380 Datasheet HTML 5Page - Linear Technology LTC1380 Datasheet HTML 6Page - Linear Technology LTC1380 Datasheet HTML 7Page - Linear Technology LTC1380 Datasheet HTML 8Page - Linear Technology LTC1380 Datasheet HTML 9Page - Linear Technology LTC1380 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1380/LTC1393
PIN FUNCTIONS
S0 to S7/S0± to S3± (Pin 1 to Pin 8): Single-Ended Analog
Multiplexer Inputs (S0 to S7) for the LTC1380. Differential
Analog Multiplexer Inputs (S0± to S3±) for the LTC1393.
DO/DO+(Pin9):AnalogMultiplexerOutputfortheLTC1380.
Positive Differential Analog Multiplexer Output for the
LTC1393.
VEE/DO– (Pin 10): Negative Supply Pin for the LTC1380.
Negative Differential Multiplexer Output for the LTC1393.
For the LTC1380, VEE should be bypassed to GND with a
0.1
µF ceramic capacitor when operating from split sup-
plies or connected to GND for single supply operation.
GND (Pin 11): Ground Pin.
A1, AO (Pin 12, Pin 13): Address Selection Pins. Tie these
two pins to either VCC or GND to select one of four possible
addresses to which the LTC1380/LTC1393 will respond.
SDA (Pin 14): SMBus Bidirectional Digital Input/Output
Pin. This pin has an open-drain output and requires a pull-
up resistor or current source to the positive supply for
normal operation. Data is shifted into and acknowledged
by the LTC1380/LTC1393 using this pin.
SCL (Pin 15): SMBus Clock Input. SDA data is shifted in
at rising edges of this clock during data transfer.
VCC (Pin 16): Positive Supply Pin. This pin should be
bypassed to GND with a 0.1
µF ceramic capacitor.
BLOCK DIAGRA
ADDRESS
COMPARATOR
SMBus STATE
MACHINE
4-BIT LATCH
AND DECODER
SHIFT REGISTER
HOLD
STOP
1380/93 BD
SDA
A0
A1
SCL
MULTIPLEXER
SWITCHES
ANALOG OUTPUT(S)
(LTC1380: DO)
(LTC1393: DO±)
ANALOG INPUTS
(LTC1380: S0 TO S7)
(LTC1393: S0± TO S3±)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com