Electronic Components Datasheet Search
  English  ▼

X  

LTC1450 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1450
Description  Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1450 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1450 Datasheet HTML 2Page - Linear Technology LTC1450 Datasheet HTML 3Page - Linear Technology LTC1450 Datasheet HTML 4Page - Linear Technology LTC1450 Datasheet HTML 5Page - Linear Technology LTC1450 Datasheet HTML 6Page - Linear Technology LTC1450 Datasheet HTML 7Page - Linear Technology LTC1450 Datasheet HTML 8Page - Linear Technology LTC1450 Datasheet HTML 9Page - Linear Technology LTC1450 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1450/LTC1450L
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1450
Large-Scale Settling (Falling)
2
µs/DIV
0V
5V
1450/50L G15
3V
2V
4V
1V
0V
DATA INPUTS FALLING EDGE
VOUT
NO LOAD
LTC1450 Digital Feedthrough
2
µs/DIV
0V
4V
1450/50L G18
ALL DATA INPUTS TOGGLING
VOUT = 5mV/DIV
VOUT(DC) = 4V
RL = NO LOAD
500ns/DIV
20mV/DIV
1450/50L G13
5V
0V
VOUT
LDAC
LTC1450 Midscale Transition
Data = 2048 to 2047
LTC1450
Large-Scale Settling (Rising)
2
µs/DIV
0V
5V
1450/50L G14
4V
3V
2V
1V
0V
DATA INPUTS RISING EDGE
VOUT
NO LOAD
5
µs/DIV
0V
5V
1450/50L G16
DATA IN
000H TO FFFH
VOUT
1mV/DIV
OUTPUT LOAD
5k//10pF
Output Voltage Full-Scale Settling
Output Voltage Zero-Scale Settling
5
µs/DIV
0V
5V
1450/50L G17
DATA IN
FFFH TO 000H
VOUT
1mV/DIV
OUTPUT LOAD
5k//10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com