Electronic Components Datasheet Search
  English  ▼

X  

LTC1450L Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1450L
Description  Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1450L Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1450L Datasheet HTML 8Page - Linear Technology LTC1450L Datasheet HTML 9Page - Linear Technology LTC1450L Datasheet HTML 10Page - Linear Technology LTC1450L Datasheet HTML 11Page - Linear Technology LTC1450L Datasheet HTML 12Page - Linear Technology LTC1450L Datasheet HTML 13Page - Linear Technology LTC1450L Datasheet HTML 14Page - Linear Technology LTC1450L Datasheet HTML 15Page - Linear Technology LTC1450L Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1450/LTC1450L
TYPICAL APPLICATIONS N
4-Quadrant Multiplying DAC Application
This application shows the LTC1450L configured as a
single supply 4-quadrant multiplying DAC. It uses a 5V
supply and only one external component, a 5k resistor tied
from REFOUT to ground. (The LTC1450 can be used in a
similar fashion.) The multiplying DAC allows the user to
digitally change the amplitude and polarity of an AC input
signal whose voltage is centered around an offset signal
ground provided by the 1.22V reference voltage. The
transfer function is shown in the following equations.
VOUT = (VIN – VREF)
+ VREF
Gain
+ 1
– 1
()
DIN
4096
For the LTC1450L Gain = 2.05 and VREF = 1.22V
VOUT = (VIN – 1.22V)
+ 1.22V
2.05
– 1.05
()
DIN
4096
Table 1 shows the expressions for VOUT as a function of
VIN, VREF and DIN. The scope photo shows a 12.5kHz,
2.3VP-P triangle wave input signal and the corresponding
output waveforms for zero-scale and full-scale DAC codes.
Table 1. Binary Code Table for 4-Quadrant, Multiplying DAC
Application
BINARY DIGITAL
INPUT CODE IN
DAC REGISTER
ANALOG OUTPUT (VOUT)
MSB
LSB
1111 1111 1111
(4094/4096)(VIN – VREF) + VREF
1100 0001 1001
0.5(VIN – VREF) + VREF
1000 0011 0010
VREF
0100 0100 1011
– 0.5(VIN – VREF) + VREF
0000 0110 0100
– 1.0(VIN – VREF) + VREF
0000 0000 0000
– 1.05(VIN – VREF) + VREF
5k
GND
LTC1450L
5V
VOUT
1.22V
±1.21V
12-BIT
DAC
REFHI
REFLO
REFOUT
VREF
DIN
CLR
VIN
1.22V
±1.15V
VCC
R
1.05R
X1/X2
1450/50L TA07
–
+
DOUBLE-
BUFFERED
DAC
LATCHES
POWER-ON
RESET
REFERENCE
1.22V
WR
CSMSB
CSLSB
LDAC
Clean 4-Quadrant Multiplying Is Shown in the Output
Waveforms for Zero-Scale and Full-Scale DAC Settings
1V/DIV
2V/DIV
1V/DIV
VOUT
DIN = 0
VOUT
DIN = 4095
VIN
1.22V
±1.15V
AT 12.5kHz
20
µs/DIV
Internal Reference, REFLO/REFHI Pins, Gain Adjust and Wide Supply Voltage Range
Allow 4-Quadrant Mulitplying on a 5V Single Supply
1450/50L TA08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com