Electronic Components Datasheet Search
  English  ▼

X  

LTC1470 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1470
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1470 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1470 Datasheet HTML 2Page - Linear Technology LTC1470 Datasheet HTML 3Page - Linear Technology LTC1470 Datasheet HTML 4Page - Linear Technology LTC1470 Datasheet HTML 5Page - Linear Technology LTC1470 Datasheet HTML 6Page - Linear Technology LTC1470 Datasheet HTML 7Page - Linear Technology LTC1470 Datasheet HTML 8Page - Linear Technology LTC1470 Datasheet HTML 9Page - Linear Technology LTC1470 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1470/LTC1471
14701fa
OPERATION
The LTC1470 (or 1/2 of the LTC1471) consists of the
following functional blocks:
Input TTL/CMOS Converters
The enable inputs are designed to accommodate a wide
range of 3V and 5V logic families. The input threshold
voltage is approximately 1.4V with approximately 100mV
of hysteresis. The inputs enable the bias generator, the
gate charge pumps and the protection circuity which are
powered from the 5V supply. Therefore, when the inputs
are turned off, the entire circuit is powered down and the
5V supply current drops below 1
µA.
XOR Input Circuitry
By employing an XOR function, which locks out the 3.3V
switch when the 5V switch is turned on and locks out the
5V switch when the 3.3V switch is turned on, there is no
danger of both switches being on at the same time. This
XOR function also makes it possible to work with either
active -low or active-high PCMCIA VCC switch control logic
(see Applications Information section for further details).
Break-Before-Make Switch Control
Built-in delays are provided to ensure that the 3.3V and 5V
switches are non-overlapping. Further, the gate charge
pump includes circuitry which ramps the NMOS switches
on slowly (400
µs typical rise time) but turns them off
much more quickly (typically 10
µs).
Bias, Oscillator and Gate Charge Pump
When either the 3.3V or 5V switch is enabled, a bias
current generator and high frequency oscillator are turned
on. The on-chip capacitive charge pump generates ap-
proximately 12V of gate drive for the internal low RDS(ON)
NMOS VCC switches from the 5VIN power supply. There-
fore, an external 12V supply is not required to switch the
VCC output. The 5VIN supply current drops below 1µA
when both switches are turned off.
Gate Charge and Discharge Control
All switches are designed to ramp on slowly (400
µstypical
rise time). Turn-off time is much quicker (typically 10
µs).
To ensure that both VCC NMOS switch gates are fully
discharged, program the switch to the high impedance
mode at least 100
µs before turning off the 5V power
supply.
Switch Protection
Both switches are protected against accidental short cir-
cuits with SafeSlot foldback current limit circuits which
limit the output current to typically 1A when the output is
shorted to ground. Both switches also have thermal shut-
down which limits the power dissipation to safe levels.
APPLICATIONS INFORMATION
Figure 1. Direct Interface to CL-PD6710 PCMCIA Controller
LTC1470
EN0
EN1
3VIN
5VIN
3VIN
OUT
OUT
GND
+
3.3V
5V
0.1
µF
0.1
µF
1
µF
TANT
10k
(OFF/3.3V/5V)
TO CARD
VCC PINS
CL-PD6710
VCC_5
VCC_3
1470/71 F01
The LTC1470/LTC1471 are designed to interface directly
with industry standard PCMCIA card controllers.
Interfacing with the CL-PD6710
Figure 1 is a schematic diagram showing the LTC1470
interfaced with a standard PCMCIA slot controller. The
LTC1470 accepts logic control directly from the CL-PD6710.
The XOR input function allows the LTC1470 to interface
directly to the active-low VCC control outputs of the CL-
PD6710 for 3.3V/5V voltage selection (see the following
Switch Truth Table). Therefore, no “glue” logic is required
to interface to this PCMCIA compatible card controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com