Electronic Components Datasheet Search
  English  ▼

X  

LTC1589 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1589
Description  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1589 Datasheet(HTML) 1 Page - Linear Technology

  LTC1589 Datasheet HTML 1Page - Linear Technology LTC1589 Datasheet HTML 2Page - Linear Technology LTC1589 Datasheet HTML 3Page - Linear Technology LTC1589 Datasheet HTML 4Page - Linear Technology LTC1589 Datasheet HTML 5Page - Linear Technology LTC1589 Datasheet HTML 6Page - Linear Technology LTC1589 Datasheet HTML 7Page - Linear Technology LTC1589 Datasheet HTML 8Page - Linear Technology LTC1589 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1588/LTC1589/LTC1592
1588992fa
s
Six Programmable Output Ranges
Unipolar Mode: 0V to 5V, 0V to 10V
Bipolar Mode:
±5V, ±10V, ±2.5V, –2.5V to 7.5V
s
1LSB Max DNL and INL Over the Industrial
Temperature Range
s
Glitch Impulse < 2nV-s
s
16-Lead SSOP Package
s
Power-On Reset to 0V
s
Asynchronous Clear to 0V for All Ranges
The LTC
®1588/LTC1589/LTC1592 are serial input 12-/14-
/16-bit multiplying current output DACs that operates
from a single 5V supply. These SoftSpan
TM DACs can be
software-programmed for either unipolar or bipolar mode
through a 3-wire SPI interface. In either mode, the voltage
output range can also be software-programmed. Two
output ranges in unipolar mode and four output ranges in
bipolar mode are available.
INL and DNL are accurate to 1LSB over the industrial
temperature range in both unipolar and bipolar modes.
True 16-bit 4-quadrant multiplication is achieved with
on-chip four quadrant multiplication resistors. The
LTC1588/LTC1589/LTC1592 are available in a 16-lead
SSOP package.
These devices include an internal deglitcher circuit that
reduces the glitch impulse to less than 2nV-s (typ).
The asynchronous clear pin resets the LTC1588/LTC1589/
LTC1592 to 0V in unipolar or bipolar mode.
s
Process Control and Industrial Automation
s
Precision Instrumentation
s
Direct Digital Waveform Generation
s
Software-Controlled Gain Adjustment
s
Automatic Test Equipment
12-/14-/16-Bit SoftSpan DACs
with Programmable Output Range
–
+
1/2 LT®1469
1/2 LT1469
16-BIT DAC WITH SPAN ADJUST
LTC1592
RCOM
1
R1
2
VCC
0.1
µF
9
R2
R2
R1
16
ROFS
3
7
5
VREF
5V
6
REF
15
RFB
IOUT1
VOUT
4
5V
5
1
2
3
IOUT2
AGND
GND
CLR
CS/LD
SCK
SDI
SDO
6
7
8
14
13
12
11
10
C2
150pF
C1
15pF
1588992 TA01
15V
–15V
8
4
0.1
µF
0.1
µF
, LTC and LT are registered trademarks of Linear Technology Corporation.
Programmable Output Range 16-Bit SoftSpan DAC
DIGITAL INPUT CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
16384
32768
1588992 TA02
49152
65535
VREF = 5V
ALL OUTPUT RANGES
LTC1592 Integral Nonlinearity
SoftSpan is a trademark of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1589

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1589 LINEAR-LTC1589 Datasheet
272Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1589 LINER-LTC1589 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
logo
Linear Integrated Syste...
LTC1589CG LINEAR-LTC1589CG Datasheet
272Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589CG LINER-LTC1589CG Datasheet
276Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results

Similar Description - LTC1589

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com