Electronic Components Datasheet Search
  English  ▼

X  

LTC1660 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1660
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1660 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1660 Datasheet HTML 2Page - Linear Technology LTC1660 Datasheet HTML 3Page - Linear Technology LTC1660 Datasheet HTML 4Page - Linear Technology LTC1660 Datasheet HTML 5Page - Linear Technology LTC1660 Datasheet HTML 6Page - Linear Technology LTC1660 Datasheet HTML 7Page - Linear Technology LTC1660 Datasheet HTML 8Page - Linear Technology LTC1660 Datasheet HTML 9Page - Linear Technology LTC1660 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC1665/LTC1660
6
166560fa
Load Regulation vs Output Current
Load Regulation vs Output Current
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
TYPICAL PERFORMANCE CHARACTERISTICS (LTC1665)
CODE
0
64
128
192
255
1665/60 G08
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
VCC = 5V
VREF = 4.096V
CODE
0
64
128
192
255
166560 G09
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
VCC = 5V
VREF = 4.096V
IOUT (mA)
–2
–1
0
1
2
0.5
0.25
0
–0.25
–0.5
166560 G10
VCC = VREF = 5V
CODE = 128
SINK
SOURCE
IOUT (μA)
–500
0
500
0.5
0.25
0
–0.25
–0.5
166560 G11
SINK
SOURCE
VCC = VREF = 3V
CODE = 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com