Electronic Components Datasheet Search
  English  ▼

X  

KTC4793 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC4793
Description  TRIPLE DIFFUSED NPN TRANSISTOR(POWER AMPLIFIER DRIVER STAGE AMPLIFIER)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4793 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC4793 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4793 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 2. 17
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTC4793
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 1
POWER AMPLIFIER APPLICATIONS.
DRIVER STAGE AMPLIFIER APPLICATINS.
FEATURES
High Transition Frequency : fT=100MHz(Typ.)
Complementary Pair with KTA1837.
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
1. BASE
2. COLLECTOR
3. EMITTER
TO-220IS
10.30 MAX
15.30 MAX
2.70 0.30
0.85 MAX
3.20 0.20
3.00 0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60 0.50
3.90 MAX
1.20
1.30
2.54
4.50 0.20
6.80
2.60 0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60 0.15
V
U
D
A
C
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=230V, IE=0
-
-
1.0
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
1.0
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA, IB=0
230
-
-
V
DC Current Gain
hFE
VCE=5V, IC=100mA
100
-
320
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
-
-
1.5
V
Base-Emitter Voltage
VBE
VCE=5V, IC=500mA
-
-
1.0
V
Transition Frequency
fT
VCE=10V, IC=100mA
-
100
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
20
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
230
V
Collector-Emitter Voltage
VCEO
230
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
1
A
Base Current
IB
0.1
A
Collector Power
Dissipation
Ta=25
PC
2.0
W
Tc=25
20
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150


Similar Part No. - KTC4793

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4793 KEC-KTC4793_15 Datasheet
447Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - KTC4793

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1899 TOSHIBA-2SA1899 Datasheet
149Kb / 3P
TRANSISTOR (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS)
17-Mar-1998
logo
KEC(Korea Electronics)
KTA1837 KEC-KTA1837 Datasheet
392Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER DRIVER STAGE AMPLIFIER)
KTA1962 KEC-KTA1962 Datasheet
356Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER)
KTC5197 KEC-KTC5197 Datasheet
259Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER)
KTD1047 KEC-KTD1047 Datasheet
285Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER)
KTD1510 KEC-KTD1510 Datasheet
300Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER DARLINGTON)
KTD3055 KEC-KTD3055 Datasheet
261Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER)
KTD718 KEC-KTD718 Datasheet
277Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER)
KTD998 KEC-KTD998 Datasheet
278Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER)
TIP35C KEC-TIP35C Datasheet
125Kb / 1P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com