Electronic Components Datasheet Search
  English  ▼

X  

LTC1860 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1860
Description  Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860 Datasheet(HTML) 1 Page - Linear Technology

  LTC1860 Datasheet HTML 1Page - Linear Technology LTC1860 Datasheet HTML 2Page - Linear Technology LTC1860 Datasheet HTML 3Page - Linear Technology LTC1860 Datasheet HTML 4Page - Linear Technology LTC1860 Datasheet HTML 5Page - Linear Technology LTC1860 Datasheet HTML 6Page - Linear Technology LTC1860 Datasheet HTML 7Page - Linear Technology LTC1860 Datasheet HTML 8Page - Linear Technology LTC1860 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1860/LTC1861
1
18601fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
µPower, 12-Bit, 250ksps
1- and 2-Channel ADCs in MSOP
The LTC®1860/LTC1861 are 12-bit A/D converters that are
offered in MSOP and SO-8 packages and operate on a single
5V supply. At 250ksps, the supply current is only 850μA.
The supply current drops at lower speeds because the
LTC1860/LTC1861 automatically power down to a typical
supply current of 1nA between conversions. These 12-bit
switched capacitor successive approximation ADCs include
sample-and-holds. The LTC1860 has a differential analog
input with an adjustable reference pin. The LTC1861 offers
a software-selectable 2-channel MUX and an adjustable
reference pin on the MSOP version.
The 3-wire, serial I/O, MSOP or SO-8 package and
extremely high sample rate-to-power ratio make these
ADCs ideal choices for compact, low power, high speed
systems.
These ADCs can be used in ratiometric applications or
with external references. The high impedance analog in-
puts and the ability to operate with reduced spans down
to 1V full scale, allow direct connection to signal sources
in many applications, eliminating the need for external
gain stages.
Single 5V Supply, 250ksps, 12-Bit Sampling ADC
n 12-Bit 250ksps ADCs in MSOP Package
n Single 5V Supply
n Low Supply Current: 850μA (Typ)
n Auto Shutdown Reduces Supply Current
to 2μA at 1ksps
n True Differential Inputs
n 1-Channel (LTC1860) or 2-Channel (LTC1861)
Versions
n SPI/MICROWIRETM Compatible Serial I/O
n High Speed Upgrade to LTC1286/LTC1298
n Pin Compatible with 16-Bit LTC1864/LTC1865
n Guaranteed Operation to 125°C (MSOP Package)
n High Speed Data Acquisition
n Portable or Compact Instrumentation
n Low Power Battery-Operated Instrumentation
n Isolated and/or Remote Data Acquisition
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Supply Current vs Sampling Frequency
1
2
3
4
8
7
6
5
VREF
IN+
IN–
GND
VCC
SCK
SDO
CONV
LTC1860
1860 TA01
ANALOG INPUT
0V TO 5V
5V
1 F
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
SAMPLING FREQUENCY (kHz)
0.01
1000
100
10
1
0.1
0.01
100
1860 TA02
0.1
1
10
1000


Similar Part No. - LTC1860

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860 LINER-LTC1860 Datasheet
206Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1860 LINER-LTC1860 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
205Kb / 16P
關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results

Similar Description - LTC1860

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com