Electronic Components Datasheet Search
  English  ▼

X  

KTC5103D Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC5103D
Description  EPITAXIAL PLANAR NPN TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC5103D Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC5103D Datasheet HTML 1Page - KEC(Korea Electronics) KTC5103D Datasheet HTML 2Page - KEC(Korea Electronics) KTC5103D Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 3. 27
2/3
KTC5103D/L
Revision No : 3
6
10
0.8
0.4
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
Pc - Ta
AMBIENT TEMPERATURE Ta ( C)
0
0
50
100
150
200
250
5
10
15
20
25
CASE TEMPERATURE Tc ( C)
0
0
120
50
160
200
100
150
d
- T
TC
40
80
0
2
20
80
40
60
100
S/b
Limite
d
Dissipation
Limite
d
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
13
10
30
0.1
100
0.3
0.5
1
3
5
10
550
2m
S*
10mS*
200mS*
Dissipation
Limited
S/b
Limite
d
I
MAX.
I
(Pulse) MAX. *
C
SAFE OPERATING AREA
4
6
8
10
25
75
125
175
20
60
100
140
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
1.2
1.6
2.0
2
4
8
I =0mA
B
I =10mA
B
I =20mA
B
I =30mA
B
I =40mA
B
I =60mA
B
I =80mA
B
I =100mA B
I
=150mA
B
0.01
COLLECTOR CURRENT I
(A)
C
h
- I
FE
C
0.03
0.1
0.3
1
3
10
1
3
5
10
30
50
100
300
500
1k
V
=2V
CE
V
=1V
CE
C
* SINGLE NONREPETITVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
REVERSE BIAS
Ta=25 C
Tc=25
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com