Electronic Components Datasheet Search
  English  ▼

X  

LTC2055 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2055
Description  Single/Dual Micropower Zero-Drift Operational Amplifi ers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055 Datasheet(HTML) 2 Page - Linear Technology

  LTC2055 Datasheet HTML 1Page - Linear Technology LTC2055 Datasheet HTML 2Page - Linear Technology LTC2055 Datasheet HTML 3Page - Linear Technology LTC2055 Datasheet HTML 4Page - Linear Technology LTC2055 Datasheet HTML 5Page - Linear Technology LTC2055 Datasheet HTML 6Page - Linear Technology LTC2055 Datasheet HTML 7Page - Linear Technology LTC2055 Datasheet HTML 8Page - Linear Technology LTC2055 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2054/LTC2055
2
20545fc
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–)
LTC2054/LTC2055...................................................7V
LTC2054HV/LTC2055HV........................................12V
Input Voltage .......................(V + + 0.3V) to (VS– – 0.3V)
Input Current........................................................±10mA
Output Short-Circuit Duration ......................... Indefinite
(Note 1)
Specified Temperature Range (Note 2)
LTC2054C/LTC2055C ............................... 0°C to 70°C
LTC2054I/LTC2055I.............................. –40°C to 85°C
LTC2054H/LTC2055H......................... –40°C to 125°C
LTC2054MP ....................................... –55°C to 150°C
Storage Temperature Range.................. –65°C to 150°C
DD Package ....................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
TSOT23 and MS8 Packages............................. 300°C
5 V+
4 –IN
OUT 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
V– 2
+IN 3
TJMAX = 150°C, θJA = 250°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
UNDERSIDE METAL INTERNALLY
CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
TJMAX = 125°C, θJA = 160°C/W (NOTE 5)
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC2054CS5#PBF
LTC2054CS5#TRPBF
LTAGB
5-Lead Plastic TSOT-23
0°C to 70°C
LTC2054HVCS5#PBF
LTC2054HVCS5#TRPBF
LTAGD
5-Lead Plastic TSOT-23
0°C to 70°C
LTC2054IS5#PBF
LTC2054IS5#TRPBF
LTAGB
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC2054HVIS5#PBF
LTC2054HVIS5#TRPBF
LTAGD
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC2054HS5#PBF
LTC2054HS5#TRPBF
LTAGB
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC2054HVHS5#PBF
LTC2054HVHS5#TRPBF
LTAGD
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC2055CDD#PBF
LTC2055CDD#TRPBF
LBCW
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC2055HVCDD#PBF
LTC2055HVCDD#TRPBF
LBCX
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC2055IDD#PBF
LTC2055IDD#TRPBF
LBCW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2055HVIDD#PBF
LTC2055HVIDD#TRPBF
LBCX
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2055HDD#PBF
LTC2055HDD#TRPBF
LBCW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC2055HVHDD#PBF
LTC2055HVHDD#TRPBF
LBCX
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC2055CMS8#PBF
LTC2054CMS8#TRPBF
LTBCR
8-Lead Plastic MSOP
0°C to 70°C
LTC2055HVCMS8#PBF
LTC2055HVCMS8#TRPBF
LTBCT
8-Lead Plastic MSOP
0°C to 70°C
LTC2055IMS8#PBF
LTC2055IMS8#TRPBF
LTBCR
8-Lead Plastic MSOP
–40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com