Electronic Components Datasheet Search
  English  ▼

X  

KTC5103L Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC5103L
Description  EPITAXIAL PLANAR NPN TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC5103L Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC5103L Datasheet HTML 1Page - KEC(Korea Electronics) KTC5103L Datasheet HTML 2Page - KEC(Korea Electronics) KTC5103L Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 3. 27
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC5103D/L
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
LOW COLLECTOR SATURATION VOLTAGE
LARGE CURRENT
FEATURES
High Power Dissipation : PC=1.3W(Ta=25 )
Complementary to KTA1385D/L
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25 )
* Pulse test : PW 50 S, Duty Cycle 2% Pulse
Note) hFE(2) Classification : O:160 320, Y:200 400.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
DC
IC
5
A
Pulse *
ICP
8
Base Current
IB
1
A
Collector Power
Dissipation
Ta=25
PC
1.0
W
Tc=25
15
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
10
A
Emitter Cut-off Current
IEBO
VEB=7V, IC=0
-
-
10
A
DC Current Gain
*
hFE(1)
VCE=1V, IC=0.1A
60
-
-
hFE(2) (Note) VCE=1V, IC=2A
160
-
400
hFE(3)
VCE=2V, IC=5A
50
-
-
Collector-Emitter Saturation Voltage *
VCE(sat)
IC=2A, IB=0.2A
-
0.1
0.3
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=2A, IB=0.2A
-
0.9
1.2
V
Switching
Time
Turn On Time
ton
IB1
B1
I
CC
V
=10V
IB2
IB2
20µsec
I =-I
=0.2A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<
=
-
0.2
1
S
Storage Time
tstg
-
1.1
2.5
Fall Time
tf
-
0.2
1
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
* PW 10ms, Duty Cycle 50%


Similar Part No. - KTC5103L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KTC5103L ISC-KTC5103L Datasheet
323Kb / 3P
Silicon NPN Power Transistor
KTC5103L ISC-KTC5103L Datasheet
304Kb / 3P
Silicon NPN Power Transistor
KTC5103L-126 ISC-KTC5103L-126 Datasheet
147Kb / 2P
isc Silicon NPN Power Transistor
KTC5103L-251 ISC-KTC5103L-251 Datasheet
323Kb / 3P
Silicon NPN Power Transistor
KTC5103L-252 ISC-KTC5103L-252 Datasheet
304Kb / 3P
Silicon NPN Power Transistor
More results

Similar Description - KTC5103L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
Low Collector-Emitter Saturation Voltage Large Collector Current
logo
KEC(Korea Electronics)
KTA1385D KEC-KTA1385D Datasheet
400Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
KTB1151 KEC-KTB1151 Datasheet
383Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
KTD1691 KEC-KTD1691 Datasheet
396Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
logo
Unisonic Technologies
2SB1151 UTC-2SB1151 Datasheet
114Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
2SD1691 UTC-2SD1691 Datasheet
102Kb / 3P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
2SB1151 UTC-2SB1151_10 Datasheet
229Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
2SD1691 UTC-2SD1691_10 Datasheet
250Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
logo
Fairchild Semiconductor
KSD1691OS FAIRCHILD-KSD1691OS Datasheet
52Kb / 5P
Low Collector-Emtter Saturation Voltage & Large Collector Current
KSD1691GS FAIRCHILD-KSD1691GS Datasheet
52Kb / 5P
Low Collector-Emtter Saturation Voltage & Large Collector Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com