Electronic Components Datasheet Search
  English  ▼

X  

LR1000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # LR1000
Description  1000W 230V AVR Line Conditioner, Power Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LR1000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  LR1000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LR1000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000W 230V AVR Line Conditioner, Power
Conditioner, AC Surge Protector, 4 Outlets, Uniplug
Adapter
MODEL NUMBER: LR1000
Description
Tripp Lite's LR1000 automatic voltage regulation system offers complete protection from brownouts,
overvoltages and transient surges for computers, printers, fax machines and more. Transformer-based voltage
correction circuits maintain usable 220-240V nominal AC output during brownouts as low as 168V and
overvoltages to 278V. Network grade equipment protection offers AC surge and noise suppression. Supports
heavy loads up to 1000 watts. Includes 4 protected outlets (2 x 5-15R; 2 x C13), 2m-line cord and 7 diagnostic
LEDs that display incoming voltage level, surge protection status and line fault conditions.
Features
Maintains usable 220-240V nominal output during brownouts as low as 168V and overvoltages as high as 278V
1000 watts output power rating supports heavy 220-240V loads up to 4 amps
Network grade surge suppression
EMI/RFI noise filtering
3 diagnostic LEDs indicate input voltage levels
2 protected NEMA5-15R and 2 C13 outlets
2m detachable AC power cord with standard NEMA5-15P input plug
Specifications
OUTPUT
Nominal Output Voltage(s)
Supported
230V
Output Receptacles
(2) 5-15R; (2) C13
Highlights
Automatically adjusts low or high
voltage without the aid of a
battery
1000 watts continuous
2 NEMA 5-15R and 2 C13 outlets
Includes a uniplug adapter
Applications
Maintains usable output voltage
during severe brownouts and
overvoltages for printers, fax
machines, computers,
audio/video equipment,
CAD/CAM/CAE workstations,
network nodes, fileservers, phone
systems, point-of-sale terminals,
and other applications requiring
steady input power.
Package Includes
LR1000 Line Conditioner
UNIPLUG Plug Adapter
International Ground Pin Adapter
Optional 2m C13-to-NEMA 5-15P
input cord
Instruction manual and warranty
information
1 / 2


Similar Part No. - LR1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
More results

Similar Description - LR1000

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LS606M ETC2-LS606M Datasheet
489Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
logo
Tripp Lite. All Rights ...
LR604 TRIPPLITE-LR604 Datasheet
487Kb / 3P
600W 230V AVR Line Conditioner, Power Conditioner
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
1200W 120V Line Conditioner
LC1200WM TRIPPLITE-LC1200WM Datasheet
394Kb / 2P
Line Conditioner
logo
Pepperl+Fuchs Inc.
KLD2-PC-1.1.IEC PF-KLD2-PC-1.1.IEC Datasheet
1Mb / 4P
Fieldbus Power Conditioner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com