Electronic Components Datasheet Search
  English  ▼

X  

AN2945 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2945
Description  Following the market launch of the award winning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2945 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2945 Datasheet HTML 10Page - STMicroelectronics AN2945 Datasheet HTML 11Page - STMicroelectronics AN2945 Datasheet HTML 12Page - STMicroelectronics AN2945 Datasheet HTML 13Page - STMicroelectronics AN2945 Datasheet HTML 14Page - STMicroelectronics AN2945 Datasheet HTML 15Page - STMicroelectronics AN2945 Datasheet HTML 16Page - STMicroelectronics AN2945 Datasheet HTML 17Page - STMicroelectronics AN2945 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Conclusion
AN2945
16/18
Doc ID 15468
5
Conclusion
This application note discusses the points that ease the transition from the 8-bit STM8S to
the 32-bit STM32 devices, and vice versa. Based on the 8- to 32-bit core performance
continuum, the new STM32 and STM8S MCU families have a lot of common features. At the
peripheral level, they share standard IPs like timers and communication interfaces. At the
system level, they have identical features, reducing the external component count (clock and
reset systems, safety features, etc).
These common features are complemented by a set of software libraries that come as a
major help to get started for new development. The libraries can also serve as foundations
for a unified development platform supporting both 8- and 32-bit MCUs owing to the
abstraction level they both offer.
Finally, the common features of the STM8S and STM32 devices with the benefits of their
software libraries maximize design re-use and decrease time to market, specially if the
application has derivatives with various requirements in terms of processing power,
connectivity or control function complexity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com