Electronic Components Datasheet Search
  English  ▼

X  

AN2946 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 30Page - STMicroelectronics AN2946 Datasheet HTML 31Page - STMicroelectronics AN2946 Datasheet HTML 32Page - STMicroelectronics AN2946 Datasheet HTML 33Page - STMicroelectronics AN2946 Datasheet HTML 34Page - STMicroelectronics AN2946 Datasheet HTML 35Page - STMicroelectronics AN2946 Datasheet HTML 36Page - STMicroelectronics AN2946 Datasheet HTML 37Page - STMicroelectronics AN2946 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Overview of demonstration board
AN2946
34/38
Doc ID 15473 Rev 2
R32, R88
NTC, 10 k
Ω
(0805), NTC resistor
R34, R107, R108, R116
1 k
Ω
(0603), 1%, resistor
R35
24
Ω
(1206), 5%, resistor
R36, R41
10 k
Ω
(0603), 1%, resistor
R37
12 k
Ω
(0603), 1%, resistor
R38, R39
4.7 k
Ω
(0603), 5%, resistor
R102
560
Ω
(1206), 5%, resistor
R43
9.1 k
Ω
(0603), 1%, resistor
R44, R89, R91, R93
3.3 k
Ω
(0603), 1%, resistor
R51
330 k
Ω
(0603), 5%, resistor
R52
120
Ω
(0603), 5%, resistor
R56, R58, R96
47 k
Ω
(0603), 5%, resistor
R57
3.3 k
Ω
(0603), 5%, resistor
R66
1 M
Ω
(0603), 1%, resistor
R68
1.8 k
Ω
(0603), 1%, resistor
R75
150 k
Ω
(0805), 1%, resistor
R76, R78, R81, R84
10 k
Ω
(0805), 1%, resistor
R77, R80
82 k
Ω
(0805), 1%, resistor
R79, R82, R85, R86, R87,
R90, R92, R94
10
Ω
(0603), 5%, resistor
R83
39 k
Ω
(0805), 1%, resistor
R98, R99, R100, R103
1 k
Ω
(0603), 5%, resistor
R109, R115
20 k
Ω
(0603), 1%, resistor
S1
DIP Switch
4 Position DIP Switch
T1 (see Table 6)
33 µH
EER25.5, transformer
BOBITRANS
T2 (see Table 6)
1 mH
Driver transformer
BOBITRANS
U1, U5
LM258D
(SO8 narrow), dual operational amplifiers STMicroelectronics
U2, U4, U8
TS391ILT
(SO), single voltage comparator
STMicroelectronics
U3, U9
TSC101AILT
(SO), current sense IC
STMicroelectronics
U6
L78L12ABD-TR
(SO8 narrow), positive voltage regulator
STMicroelectronics
U7
LM193D
(SO8), dual voltage comparator
STMicroelectronics
U10
STM32F101RXT6
(LQFP64), 32-bit microprocessor
STMicroelectronics
U11
L4931ABD33-TR
(SO8 narrow), linear regulator
STMicroelectronics
X1
8 MHz
(
φ3x8) crystal oscillator
Yuechung
International Corp.
Table 5.
BOM (continued)
Name
Value
Rated
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com