Electronic Components Datasheet Search
  English  ▼

X  

AN3114 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 30Page - STMicroelectronics AN3114 Datasheet HTML 31Page - STMicroelectronics AN3114 Datasheet HTML 32Page - STMicroelectronics AN3114 Datasheet HTML 33Page - STMicroelectronics AN3114 Datasheet HTML 34Page - STMicroelectronics AN3114 Datasheet HTML 35Page - STMicroelectronics AN3114 Datasheet HTML 36Page - STMicroelectronics AN3114 Datasheet HTML 37Page - STMicroelectronics AN3114 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Displaying alphanumeric characters on the LCD glass
AN3114
34/43
Doc ID 16829 Rev 3
Second page (PAGE_COM bit = 1)
LCD_RAM0
7A
7I
6G
6A
6I
5G
5A
5I
LCD_RAM1
3I
2G
2A
2I
1G
1A
1I
7G
LCD_RAM2
3j
2j
1j
4G
4A
4I
3G
3A
LCD_RAM3
6B
5F
5H
5B
7j
6j
5j
4j
LCD_RAM4
1F
1H
1B
7F
7H
7B
6F
6H
LCD_RAM5
4H
4B
3F
3H
3B
2F
2H
2B
LCD_RAM6
7i
6i
5i
4i
3i
2i
1i
4F
LCD_RAM7
7M
7C
5P
6M
6C
4P
5M
5C
LCD_RAM8
3C
1P
2M
2C
+
1M
1C
6P
LCD_RAM9
3h
2h
1h
3P
4M
4C
2P
3M
LCD_RAM10
6J
5E
5N
5J
7h
6h
5h
4h
LCD_RAM11
1E
1N
1J
7E
7N
7J
6E
6N
LCD_RAM12
4N
4J
3E
3N
3J
2E
2N
2J
LCD_RAM13
7g
6g
5g
4g
3g
2g
1g
4E
LCD_RAM14
15j
14j
13j
12j
11j
10j
9j
8j
LCD_RAM15
19j
18j
17j
16j
LCD_RAM16
15i
14i
13i
12i
11i
10i
9i
8i
LCD_RAM17
19i
18i
17i
16i
LCD_RAM18
15h
14h
13h
12h
11h
10h
9h
8h
LCD_RAM19
19h
18h
17h
16h
LCD_RAM20
15g
14g
13g
12g
11g
10g
9g
8g
LCD_RAM21
19g
18g
17g
16g
Table 6.
LCD_RAM bits versus custom LCD HXO5002B characters (continued)
Color key for second page:
= Pixels connected to COM4 (M[i][4])
= Pixels connected to COM5 (M[i][5])
= Pixels connected to COM6 (M[i][6])
= Pixels connected to COM7 (M[i][7])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com