Electronic Components Datasheet Search
  English  ▼

X  

AN3139 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 43Page - STMicroelectronics AN3139 Datasheet HTML 44Page - STMicroelectronics AN3139 Datasheet HTML 45Page - STMicroelectronics AN3139 Datasheet HTML 46Page - STMicroelectronics AN3139 Datasheet HTML 47Page - STMicroelectronics AN3139 Datasheet HTML 48Page - STMicroelectronics AN3139 Datasheet HTML 49Page - STMicroelectronics AN3139 Datasheet HTML 50Page - STMicroelectronics AN3139 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
AN3139
Block-by-block compatibility analysis
Doc ID 16993 Rev 3
47/63
3.9
Clock controller
The clock controller in the STM8L15x sub-family is a superset of the clock controller used in
the STM8L10x sub-family:
●
The common features are:
–
HSI/8 is the default system clock after startup
–
CCO feature, with more options for the STM8L15x sub-family
–
HSI and LSI features (low power, low cost but not accurate)
–
Peripheral clocks are disabled after reset. The user should enable a peripheral
clock before using it.
●
The additional features in the STM8L15x/STM8L16x sub-family are:
1.
System clock switching: the clock switching feature provides an easy to use, fast and
secure way for the application to switch from one system clock source to another: HSE,
HSI, LSE and LSI (with configurable divider). The only system clock available in the
STM8L10x sub-family is the HSI (with configurable divider).
2.
The clock security system (CSS): if the HSE clock fails due to a broken or disconnected
resonator or any other reason, the clock controller activates a stall-safe recovery
mechanism by automatically switching to the HSI with the same division factor as that
used before the HSE clock failure.
3.
More HSE and LSE oscillators (higher cost but better accuracy)
4.
More clock settings for new peripherals (LCD, RTC, DAC, DMA...)
5.
The Clock Security System (CSS) to monitor LSE crystal clock source failures when
the LSE is used as RTC clock. This feature is implemented on low, medium+ and high
density devices.
The following table gives an overview of clocks and oscillators supported in the STM8L
family.
Table 16.
USART special features
USART features
STM8L10x
sub-family
STM8L15x/STM8L16x
sub-family
Asynchronous mode
x
x
Hardware Flow Control
Multibuffer communication (DMA)
x
Multiprocessor communication
x
x
Synchronous
x
x
Smartcard
x
Half-duplex (single-wire mode)
x
IrDA
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com