Electronic Components Datasheet Search
  English  ▼

X  

AN3155 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3155
Description  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3155 Datasheet HTML 15Page - STMicroelectronics AN3155 Datasheet HTML 16Page - STMicroelectronics AN3155 Datasheet HTML 17Page - STMicroelectronics AN3155 Datasheet HTML 18Page - STMicroelectronics AN3155 Datasheet HTML 19Page - STMicroelectronics AN3155 Datasheet HTML 20Page - STMicroelectronics AN3155 Datasheet HTML 21Page - STMicroelectronics AN3155 Datasheet HTML 22Page - STMicroelectronics AN3155 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DocID17066 Rev 6
19/37
AN3155
Bootloader command set
Figure 12. Write Memory command: host side
1. WM = Write Memory.
2. N+1 should always be a multiple of 4.
Note:
Some products may return two NACKs instead of one single NACK when Read Protection
(RDP) is active (or Read Potection level 1 is active). To know if a given product returns one
single NACK or two NACKs in this situation, please refer to the known limitations section
relative to that product in AN2606.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37