Electronic Components Datasheet Search
  English  ▼

X  

LT1012 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1012
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1012 Datasheet HTML 11Page - Linear Technology LT1012 Datasheet HTML 12Page - Linear Technology LT1012 Datasheet HTML 13Page - Linear Technology LT1012 Datasheet HTML 14Page - Linear Technology LT1012 Datasheet HTML 15Page - Linear Technology LT1012 Datasheet HTML 16Page - Linear Technology LT1012 Datasheet HTML 17Page - Linear Technology LT1012 Datasheet HTML 18Page - Linear Technology LT1012 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
sn1012 1012afbs
LT1012A/LT1012
“No Trims” 12-Bit Multiplying DAC Output Amplifier
Resistor Multiplier
R1
10M
R2
1k
R3
100k
RIN = R1
VOUT
2
3
6
–
+
LT1012
RIN
1G
LT1012 • TA13
10k
R3
R2
1 +
(
)
Air Flow Detector
Input Amplifier for 4.5 Digit Voltmeter
1000pF
15V
–15V
0.1V
1V
10V
100V
1000V
TO 1V FULL SCALE
ANALOG TO DIGITAL
CONVERTER
–
+
2
3
4
5
9k*
LT1012
1k*
* RATIO MATCH
±0.01%
FN507
ALLEN BRADLEY
DECADE VOLTAGE
DIVIDER
THIS APPLICATION REQUIRES LOW
BIAS CURRENT AND OFFSET VOLTAGE,
LOW NOISE, AND LOW DRIFT WITH
TIME AND TEMPERATURE
7
6
100k
5%
IN
0.1V
1V
10V
100V
1000V
9M
900k
90k
10k
LT1012A • TA12
2
1
3
8
7
6
4
3
LT1012A • TA11
–
+
LT1012
COLD
JUNCTION
AT AMBIENT
MOUNT R1 IN AIRFLOW.
ADJUST R2 SO OUTPUT GOES
HIGH WHEN AIRFLOW STOPS
– 15V
15V
OUT
R1
1k
15V
+
–
10M
100k
R2
TYPE J
RFEEDBACK
IOUT1
IOUT2
LT1012 • TA14
3
2
6
–
+
LT1012
OUT
WHEN THE REFERENCE INPUT DROPS TO 0.1V,
THE LEAST SIGNIFICANT BIT DECREASES TO
THE MICROVOLT/PICOAMPERE RANGE
REFERENCE IN
0.1V TO 10V
12-BIT CMOS
MULTIPLYING
DAC
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com