Electronic Components Datasheet Search
  English  ▼

X  

LT1223 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1223
Description  100MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223 Datasheet(HTML) 1 Page - Linear Technology

  LT1223 Datasheet HTML 1Page - Linear Technology LT1223 Datasheet HTML 2Page - Linear Technology LT1223 Datasheet HTML 3Page - Linear Technology LT1223 Datasheet HTML 4Page - Linear Technology LT1223 Datasheet HTML 5Page - Linear Technology LT1223 Datasheet HTML 6Page - Linear Technology LT1223 Datasheet HTML 7Page - Linear Technology LT1223 Datasheet HTML 8Page - Linear Technology LT1223 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1223
1
1223fb
TYPICAL APPLICATIO
APPLICATIO S
DESCRIPTIO
FEATURES
100MHz Current
Feedback Amplifier
■ 100MHz Bandwidth at AV = 1
■ 1000V/
µs Slew Rate
■ Wide Supply Range:
±5V to ±15V
■ 1mV Input Offset Voltage
■ 1
µA Input Bias Current
■ 5M
Ω Input Resistance
■ 75ns Settling Time to 0.1%
■ 50mA Output Current
■ 6mA Quiescent Current
■ Available in 8-Lead Plastic DIP and SO Packages
■ Video Amplifiers
■
Buffers
■ IF and RF Amplification
■ Cable Drivers
■
8-, 10-, 12-Bit Data Acquisition Systems
The LT
®1223 is a 100MHz current feedback amplifier with
very good DC characteristics. The LT1223’s high slew
rate, 1000V/
µs,widesupplyrange,±15V,andlargeoutput
drive,
±50mA, make it ideal for driving analog signals over
double-terminated cables. The current feedback amplifier
has high gain bandwidth at high gains, unlike conventional
op amps.
The LT1223 comes in the industry standard pinout and
can upgrade the performance of many older products.
The LT1223 is manufactured on Linear Technology’s
proprietary complementary bipolar process.
Video Cable Driver
Voltage Gain vs Frequency
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Ω
IN
V
OUT
V
RG
1k
RF
1k
75
75
CABLE
Ω
75
Ω
+
–
LT1223
LT1223 • TA02
A = 1 +
V
RF
RG
AT AMPLIFIER OUTPUT
6dB LESS AT VOUT
FREQUENCY (Hz)
100k
–20
–10
10
20
50
60
10M
100M
1G
LT1223 • TPC01
1M
0
30
40
100MHz GAIN
BANDWIDTH
RG = 10
RG = 33
RG = 110
RG = 470
RG = ∞
1k
RG
+
–


Similar Part No. - LT1223

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
LT1223 LINER-LT1223 Datasheet
248Kb / 16P
100MHz Current Feedback Amplifier
LT1223C LINER-LT1223C Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
LT1223CJ8 LINER-LT1223CJ8 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
LT1223CJ8 LINER-LT1223CJ8 Datasheet
248Kb / 16P
100MHz Current Feedback Amplifier
More results

Similar Description - LT1223

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
January 1999
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
100MHz Current Feedback Video Amplifier with Disable
August 2002
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
100MHz Current Feedback Amplifier
January 1996
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
June 5, 2006
logo
Linear Technology
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
100MHz Current Feedback
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com