Electronic Components Datasheet Search
  English  ▼

X  

LT1468 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1468
Description  90MHz, 22V/s 16-Bit Accurate Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 1 Page - Linear Technology

  LT1468 Datasheet HTML 1Page - Linear Technology LT1468 Datasheet HTML 2Page - Linear Technology LT1468 Datasheet HTML 3Page - Linear Technology LT1468 Datasheet HTML 4Page - Linear Technology LT1468 Datasheet HTML 5Page - Linear Technology LT1468 Datasheet HTML 6Page - Linear Technology LT1468 Datasheet HTML 7Page - Linear Technology LT1468 Datasheet HTML 8Page - Linear Technology LT1468 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1468
1
1468fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
90MHz, 22V/µs
16-Bit Accurate
Operational Amplifier
The LT®1468 is a precision high speed operational amplifier
with 16-bit accuracy and 900ns settling to 150μV for 10V
signals. This unique blend of precision and AC performance
makes the LT1468 the optimum choice for high accuracy
applications such as DAC current-to-voltage conversion
and ADC buffers. The initial accuracy and drift character-
istics of the input offset voltage and inverting input bias
current are tailored for inverting applications.
The 90MHz gain bandwidth ensures high open-loop gain
at frequency for reducing distortion. In noninverting ap-
plications such as an ADC buffer, the low distortion and
DC accuracy allow full 16-bit AC and DC performance.
The 22V/μs slew rate of the LT1468 improves large-signal
performance in applications such as active filters and
instrumentation amplifiers compared to other precision
op amps.
The LT1468 is manufactured on a complementary bipolar
process. It is available in a space saving 3mm × 3mm lead-
less package, as well as small outline and DIP packages.
16-Bit DAC I-to-V Converter
n 90MHz Gain Bandwidth, f = 100kHz
n 22V/μs Slew Rate
n Settling Time: 900ns (AV = –1, 150μV, 10V Step)
n Low Distortion, – 96.5dB for 100kHz, 10VP-P
n Maximum Input Offset Voltage: 75μV
n Maximum Input Offset Voltage Drift: 2μV/°C
n Maximum (–) Input Bias Current: 10nA
n Minimum DC Gain: 1000V/mV
n Minimum Output Swing into 2k: ±12.8V
n Unity Gain Stable
n Input Noise Voltage: 5nV/√Hz
n Input Noise Current: 0.6pA/√Hz
n Total Input Noise Optimized for 1k < RS < 20k
n Specified at ±5V and ±15V
n 16-Bit DAC Current-to-Voltage Converter
n Precision Instrumentation
n ADC Buffer
n Low Distortion Active Filters
n High Accuracy Data Acquisition Systems
n Photodiode Amplifiers
Total Harmonic Distortion vs Frequency
20pF
6k
LTC
®1597
LT1468
16
DAC
INPUTS
+
–
OFFSET: VOS + IB (6kΩ) < 1LSB
SETTLING TIME TO 150μV = 1.7μs
SETTLING LIMITED BY 6k AND 20pF TO COMPENSATE DAC OUTPUT CAPACITANCE
VOUT
2k
50pF
OPTIONAL NOISE FILTER
1468 TA01
FREQUENCY (Hz)
100
–110
–100
–90
1k
10k
100k
1468 TA02
–120
–130
–80
VS = ±15V
AV = 2
RL = 2k
VOUT = 10VP-P
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT1468

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1468 LINER-LT1468 Datasheet
215Kb / 16P
90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468 Datasheet
264Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
LT1468 LINER-LT1468 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Similar Description - LT1468

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
200MHz, 30V/s 16-Bit Accurate
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
Dual 200MHz, 30V/s 16-Bit Accurate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com