Electronic Components Datasheet Search
  English  ▼

X  

LT1497 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1497
Description  Dual 125mA, 50MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1497 Datasheet(HTML) 2 Page - Linear Technology

  LT1497 Datasheet HTML 1Page - Linear Technology LT1497 Datasheet HTML 2Page - Linear Technology LT1497 Datasheet HTML 3Page - Linear Technology LT1497 Datasheet HTML 4Page - Linear Technology LT1497 Datasheet HTML 5Page - Linear Technology LT1497 Datasheet HTML 6Page - Linear Technology LT1497 Datasheet HTML 7Page - Linear Technology LT1497 Datasheet HTML 8Page - Linear Technology LT1497 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1497
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V –)
LT1497CS8.......................................................... 14V
LT1497CS............................................................ 36V
Noninverting Input Current ...................................
±2mA
Output Short-Circuit Duration (Note 1) .......... Continuous
Operating Temperature Range (Note 2) ... – 40
°C to 85°C
Specified Temperature Range ...................... 0
°C to 70°C
Maximum Junction Temperature (See Below) ....... 150
°C
Storage Temperature Range .................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300
°C
PACKAGE/ORDER INFORMATION
TJMAX = 150°C, θJA = 40°C/ W (NOTE 3)
ORDER PART
NUMBER
ORDER PART
NUMBER
S8 PART MARKING
1497
LT1497CS8
TJMAX = 150°C, θJA = 80°C/ W (NOTE 3)
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
A
B
LT1497CS
Consult factory for Industrial and Military grade parts.
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V –
NC
OUT A
–IN A
+IN A
V –
NC
V –
V –
NC
V+
OUT B
–IN B
+IN B
NC
V –
A
B
ELECTRICAL CHARACTERISTICS
VCM = 0V, ±2.5V ≤ VS ≤ ±15V (LT1497CS), ±2.5V ≤ VS ≤ ±5V (LT1497CS8), pulse tested unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
±3
±10
mV
q
±15
mV
Input Offset Voltage Matching
TA = 25°C
±1
±3.5
mV
q
±5.0
mV
Input Offset Voltage Drift
q
10
µV/°C
IIN+
Noninverting Input Current
TA = 25°C
±1
±3
µA
q
±10
µA
Noninverting Input Current Matching
TA = 25°C
±0.3
±1.0
µA
q
±1.5
µA
IIN–
Inverting Input Current
TA = 25°C
±7
±20
µA
q
±40
µA
Inverting Input Current Matching
TA = 25°C
±3
±10
µA
q
±15
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
3
nV/
√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 10k
2
pA/
√Hz
–in
Inverting Input Noise Current Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 10k
20
pA/
√Hz
RIN
Input Resistance
VIN = ±13V, VS = ±15V
q
1.5
10
M
Ω
VIN = ±3V, VS = ±5V
q
1.5
8
M
Ω
VIN = ±0.5V, VS = ±2.5V
q
1.5
8
M
Ω
CIN
Input Capacitance
3pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com