Electronic Components Datasheet Search
  English  ▼

X  

LT1640AH Datasheet(PDF) 2 Page - Linear Technology

Part # LT1640AH
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AH Datasheet(HTML) 2 Page - Linear Technology

  LT1640AH Datasheet HTML 1Page - Linear Technology LT1640AH Datasheet HTML 2Page - Linear Technology LT1640AH Datasheet HTML 3Page - Linear Technology LT1640AH Datasheet HTML 4Page - Linear Technology LT1640AH Datasheet HTML 5Page - Linear Technology LT1640AH Datasheet HTML 6Page - Linear Technology LT1640AH Datasheet HTML 7Page - Linear Technology LT1640AH Datasheet HTML 8Page - Linear Technology LT1640AH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1640AL/LT1640AH
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD – VEE) .................... – 0.3V to 100V
PWRGD, PWRGD Pins ........................... – 0.3V to 100V
DRAIN Pin ................................................. – 2V to 100V
SENSE, GATE Pins .................................... – 0.3V to 20V
UV, OV Pins .............................................. – 0.3V to 60V
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range
LT1640ALC/LT1640AHC ........................ 0
°C to 70°C
LT1640ALI/LT1640AHI ...................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1), All Voltages Referred to VEE
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC
VDD
Supply Operating Range
q
10
80
V
IDD
Supply Current
UV = 3V, OV = VEE, SENSE = VEE
q
1.3
5
mA
VCB
Circuit Breaker Trip Voltage
VCB = (VSENSE – VEE)
q
40
50
60
mV
IPU
GATE Pin Pull-Up Current
Gate Drive On, VGATE = VEE
q
–30
– 45
–60
µA
IPD
GATE Pin Pull-Down Current
Any Fault Condition
24
50
70
mA
ISENSE
SENSE Pin Current
VSENSE = 50mV
– 20
µA
∆VGATE
External Gate Drive
(VGATE – VEE), 15V ≤ VDD ≤ 80V
q
10
13.5
18
V
(VGATE – VEE), 10V ≤ VDD < 15V
q
68
15
V
VUVH
UV Pin High Threshold Voltage
UV Low to High Transition
q
1.213
1.243
1.272
V
VUVL
UV Pin Low Threshold Voltage
UV High to Low Transition
q
1.198
1.223
1.247
V
VUVHY
UV Pin Hysteresis
20
mV
IINUV
UV Pin Input Current
VUV = VEE
q
– 0.02
– 0.5
µA
VOVH
OV Pin High Threshold Voltage
OV Low to High Transition
q
1.198
1.223
1.247
V
VOVL
OV Pin Low Threshold Voltage
OV High to Low Transition
q
1.165
1.203
1.232
V
VOVHY
OV Pin Hysteresis
20
mV
IINOV
OV Pin Input Current
VOV = VEE
q
– 0 .03
– 0.5
µA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2), VDD = 48V, VEE = 0V unless otherwise noted.
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
S8 PART MARKING
LT1640ALCN8
LT1640ALCS8
LT1640ALIN8
LT1640ALIS8
1640AL
640ALI
TJMAX = 125°C, θJA = 120°C/W (N8)
TJMAX = 125°C, θJA = 150°C/W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
VDD
DRAIN
GATE
SENSE
PWRGD
OV
UV
VEE
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
ORDER PART
NUMBER
S8 PART MARKING
LT1640AHCN8
LT1640AHCS8
LT1640AHIN8
LT1640AHIS8
1640AH
640AHI
TJMAX = 125°C, θJA = 120°C/W (N8)
TJMAX = 125°C, θJA = 150°C/W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
VDD
DRAIN
GATE
SENSE
PWRGD
OV
UV
VEE
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
ELECTRICAL CHARACTERISTICS
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com