Electronic Components Datasheet Search
  English  ▼

X  

LT1782 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1782
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782 Datasheet(HTML) 5 Page - Linear Technology

  LT1782 Datasheet HTML 1Page - Linear Technology LT1782 Datasheet HTML 2Page - Linear Technology LT1782 Datasheet HTML 3Page - Linear Technology LT1782 Datasheet HTML 4Page - Linear Technology LT1782 Datasheet HTML 5Page - Linear Technology LT1782 Datasheet HTML 6Page - Linear Technology LT1782 Datasheet HTML 7Page - Linear Technology LT1782 Datasheet HTML 8Page - Linear Technology LT1782 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1782
5
1782fc
SYMBOL
PARAMETER
CONDITIONS
LT1782C/LT1782I
UNITS
MIN
TYP
MAX
VOL
Output Voltage Swing LOW
No Load
ISINK = 5mA
ISINK = 10mA
l
l
l
–4.997
–4.8
–4.6
–4.992
–4.5
–4.2
V
V
V
VOH
Output Voltage Swing HIGH
No Load
ISINK = 5mA
ISINK = 10mA
l
l
l
4.91
4.6
4.5
4.94
4.8
4.74
V
V
V
ISC
Short-Circuit Current (Note 2)
Short to GND
0°C ≤ TA ≤ 70°C
l
18
15
30
mA
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±9V
l
90
100
dB
IS
Supply Current
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
45
60
65
70
µA
µA
µA
Supply Current, SHDN
VPIN5 = –3V, VS = ±5V, No Load (Note 10)
l
6
20
µA
ISHDN
Shutdown Pin Current
VPIN5 = –4.7V, VS = ±5V, No Load (Note 10)
VPIN5 = –3V, VS = ±5V, No Load (Note 10)
l
l
0.5
2
8
nA
µA
Maximum Shutdown Pin Current
VPIN5 = 9V, VS = ±9V (Note 10)
l
10
30
µA
Shutdown Output Leakage Current
VPIN5 = –7V, VS = ±9V, No Load (Note 10)
l
0.05
1
µA
VL
Shutdown Pin Input Low Voltage
VS = ±5V (Note 10)
l
–4.7
V
VH
Shutdown Pin Input High Voltage
VS = ±5V (Note 10)
l
–3
V
tON
Turn-On Time
VPIN5 = 0V to –5V, RL = 10k (Note 10)
l
100
µs
tOFF
Turn-Off Time
VPIN5 = –5V to 0V, RL = 10k (Note 10)
l
6
µs
GBW
Gain Bandwidth Product
f = 5kHz
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
120
110
100
225
kHz
kHz
kHz
SR
Slew Rate
AV = –1, RL = ∞, VO = ±4V, Measured at VO = ±2V
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
0.0375
0.033
0.030
0.075
V/µs
V/µs
V/µs
tS
Settling Time
∆VOUT = 4V to 0.1%, AV = 1
50
µs
FPBW
Full-Power Bandwidth (Note 9)
VOUT = 8VP-P
3
kHz
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, VCM = 0V, VOUT = 0V, for the 6-lead part VPIN5 = V–, pulse
power tested unless otherwise specified.
The l denotes the specifications which apply over the full operating temperature range of –40°C ≤ TA ≤ 125°C. VS = 3V, 0V; VS = 5V, 0V;
VCM = VOUT = half supply, for the 6-lead part VPIN5 = 0V, pulse power tested unless otherwise specified. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
LT1782H
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
l
400
800
3
µV
mV
∆VOS/∆T
Input Offset Voltage Drift
l
15
µV/°C
IOS
Input Offset Current
VCM = 18V (Note 5)
l
l
3
2
nA
µA
IB
Input Bias Current
VCM = 18V (Note 5)
l
l
30
25
nA
µA
Input Voltage Range
l
0.3
18
V
CMRR
Common Mode Rejection Ratio
VCM = 0.3V to VCC – 1V
VCM = 0.3V to 18V
l
l
76
60
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com