Electronic Components Datasheet Search
  English  ▼

X  

LT1684 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1684
Description  Micropower Ring Tone Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1684 Datasheet(HTML) 2 Page - Linear Technology

  LT1684 Datasheet HTML 1Page - Linear Technology LT1684 Datasheet HTML 2Page - Linear Technology LT1684 Datasheet HTML 3Page - Linear Technology LT1684 Datasheet HTML 4Page - Linear Technology LT1684 Datasheet HTML 5Page - Linear Technology LT1684 Datasheet HTML 6Page - Linear Technology LT1684 Datasheet HTML 7Page - Linear Technology LT1684 Datasheet HTML 8Page - Linear Technology LT1684 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1684
Voltages:
Active Tracking Differential Voltage
(GATE + – GATE –) ..................................– 0.3V to 42V
Local Supply Differential Voltage
(V + – V –) ...............................................– 0.3V to 36V
Local Supply
Voltage V + .............. (GATE + – 7.0V) to (GATE + + 0.3V)
Local Supply
Voltage V – .............. (GATE – – 0.3V) to (GATE – + 7.0V)
PWM Input Differential Voltage
(IN A – IN B) .........................................– 7.0V to 7.0V
PWM Input Voltage
Common Mode ................. (V – – 0.3V) to (V + + 0.3V)
LIM + Current Limit
Pin Voltage ..................... (OUT – 0.3V) to (V+ + 0.3V)
LIM– Current Limit
Pin Voltage .................... (V – – 0.3V) to (OUT + 0.3V)
All Other Pin Voltages ........... (V – – 0.3V) to (V + + 0.3V)
Currents:
LIM +, LIM – Current .......................................... – 350mA
OUT Current ....................................................... 350mA
BGOUT Current .................................................... ±10mA
PWM (IN A, IN B) Current ....................................
±5mA
GATE +, GATE – Current .......................................
±20mA
COMP1 Current ....................................................
±1mA
COMP2 Current ....................................................
±1mA
ATREF Current ..................................................... ±20mA
Temperatures:
Operating Junction Temperature Range
Commercial Grade ................................. 0
°C to 125°C
Industrial Grade ................................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
14
13
12
11
10
9
8
IN B
COMP1
COMP2
LIM–
V–
GATE–
ATREF
IN A
BGOUT
AMPIN
GATE+
V+
LIM+
OUT
ORDER PART
NUMBER
LT1684CN
LT1684CS
LT1684IN
LT1684IS
TJMAX = 125°C, θJA = 75°C/W (N)
TJMAX = 125°C, θJA = 115°C/W (S)
Consult factory for Military grade parts.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com