Electronic Components Datasheet Search
  English  ▼

X  

LT1990 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1990
Description  Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 5 Page - Linear Technology

  LT1990_15 Datasheet HTML 1Page - Linear Technology LT1990_15 Datasheet HTML 2Page - Linear Technology LT1990_15 Datasheet HTML 3Page - Linear Technology LT1990_15 Datasheet HTML 4Page - Linear Technology LT1990_15 Datasheet HTML 5Page - Linear Technology LT1990_15 Datasheet HTML 6Page - Linear Technology LT1990_15 Datasheet HTML 7Page - Linear Technology LT1990_15 Datasheet HTML 8Page - Linear Technology LT1990_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1990
5
1990fb
LT1990H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆G
Gain Error
VOUT = 0.5V to (+VS) – 0.75V
LT1990, G = 1
●
0.69
%
LT1990A, G = 1
●
0.37
%
G = 10
●
0.97
%
G/T
Gain vs Temperature
G = 1 (Note 10)
●
2
10
ppm/
°C
G = 10 (Note 10)
●
7
20
ppm/
°C
VCM
Input Voltage Range
Guaranteed by CMRR
VS = 3V, 0V, VREF = 1.25V
●
–5
25
V
VS = 5V, 0V, VREF = 1.25V
●
–5
80
V
VS = 5V, 0V, VREF = 2.5V
●
–37
48
V
CMRR
Common Mode Rejection Ratio, RTI
VS = 3V, 0V (Note 7)
VCM = –5V to 25V, VREF = 1.25V
LT1990
●
56
dB
LT1990A
●
66
dB
VS = 5V, 0V
VCM = –5V to 80V, VREF = 1.25V
LT1990
●
56
dB
LT1990A
●
66
dB
VS = 5V, 0V (Note 7)
VCM = –38V to 47V, VREF = 2.5V
LT1990
●
56
dB
LT1990A
●
66
dB
3V/5V ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the temperature range of –40
°C ≤ TA ≤ 85°C. VS = 3V, 0V; VS = 5V, 0V;
RL = 10k, VCM = VREF = half supply, G = 1, 10, unless otherwise noted. (Notes 4, 6)
LT1990C/LT1990I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage, RTI
VS = 3V, 0V
G = 1, 10
●
4.5
mV
VS = 5V, 0V
G = 1, 10
●
4.5
mV
VOS/T
Input Offset Voltage Drift, RTI
(Note 10)
●
522
µV/°C
VOSH
Input Offset Voltage Hysteresis, RTI
(Note 11)
●
230
µV
PSRR
Power Supply Rejection Ratio, RTI
VS = 2.7V to 12.7V
VCM = VREF = 1.25V
●
76
dB
Minimum Supply Voltage
Guaranteed by PSRR
●
2.7
V
IS
Supply Current
(Note 8)
●
170
µA
VOL
Output Voltage Swing LOW
–IN = V+, +IN = Half Supply (Note 8)
●
70
mV
VOH
Output Voltage Swing HIGH
–IN = 0V, +IN = Half Supply
VS = 3V, 0V, Below V+
●
200
mV
VS = 5V, 0V, Below V
+
●
275
mV
ISC
Output Short-Circuit Current
Short to GND (Note 9)
●
2mA
Short to V+ (Note 9)
●
8mA
The
● denotes the specifications which apply over the temperature range of –40
°C ≤ TA ≤ 125°C. VS = 3V, 0V; VS = 5V, 0V; RL = 10k,
VCM = VREF = half supply, G = 1, 10, unless otherwise noted. (Notes 4, 6)
3V/5V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com