Electronic Components Datasheet Search
  English  ▼

X  

LT1990 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1990
Description  Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology LT1990 Datasheet HTML 10Page - Linear Technology LT1990 Datasheet HTML 11Page - Linear Technology LT1990 Datasheet HTML 12Page - Linear Technology LT1990 Datasheet HTML 13Page - Linear Technology LT1990 Datasheet HTML 14Page - Linear Technology LT1990 Datasheet HTML 15Page - Linear Technology LT1990 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1990
12
1990fb
TYPICAL PERFOR A CE CHARACTERISTICS
Warm-Up Drift vs Time
Settling Time vs Output Step,
G = 1
Settling Time vs Output Step,
G = 10
Voltage Noise Density
vs Frequency
0.01 to 1Hz Noise Voltage
0.1 to 10Hz Noise Voltage
Overshoot vs Capacitive Load
Output Impedance vs Frequency
Power Supply Rejection Ratio
vs Frequency
OUTPUT STEP (V)
–10
60
50
40
30
20
6
1990 G22
–6
–8
–4 –2
0
4
8
2
10
OUTPUT STEP (V)
–10
6
–6
–8
–4 –2
0
4
8
2
10
320
300
280
260
240
220
200
180
160
140
1990 G23
TIME (S)
080
1990 G26
20
10
30
50
70
90
40
60
100
TIME (S)
0
REF
REF
8
1990 G25
2
13
5
7
9
4
6
10
FREQUENCY (Hz)
10
100
1000
10000
100
1000
1990 G24
1
10000
CAPACITIVE LOAD (pF)
10
30
25
20
15
10
5
100
1000
10000
1990 G27
0.01% OF
STEP
0.01% OF
STEP
0.1% OF
STEP
0.1% OF
STEP
0.01% OF
STEP
0.01% OF
STEP
0.1% OF
STEP
0.1% OF
STEP
VS = ±15V
RL = 10k
VS = ±15V
RL = 10k
VOUT = ±50mV
GAIN = 1
RL = 10k
VS = ±1.5V TO ±15V
TA = 25°C
VS = ±1.5V TO ±15V
TA = 25°C
G = 1
VS = ±1.5V TO ±15V
TA = 25°C
G = 1
VS = ±15V
VS = 3V, 0V
FREQUENCY (Hz)
10
100
1k
5k
100
10k
100k
1990 G19
1
1k
200k
FREQUENCY (Hz)
70
60
50
40
30
20
10
0
–10
–20
–30
–40
10
1k
10k
1990 G20
100
100k 200k
VS = 5V, 0V
TA = 25°C
G = 1
G = 10
G = 1
G = 10
TIME AFTER POWER-UP (S)
0
60
40
20
0
–20
–40
–60
10
20
30
40
1990 G21
50
VS = ±15V
TA = 25°C
REFERRED TO INPUT
VS = 5V, 0V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com