Electronic Components Datasheet Search
  English  ▼

X  

LT3013B Datasheet(PDF) 7 Page - Linear Technology

Part # LT3013B
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3013B Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3013B Datasheet HTML 3Page - Linear Technology LT3013B Datasheet HTML 4Page - Linear Technology LT3013B Datasheet HTML 5Page - Linear Technology LT3013B Datasheet HTML 6Page - Linear Technology LT3013B Datasheet HTML 7Page - Linear Technology LT3013B Datasheet HTML 8Page - Linear Technology LT3013B Datasheet HTML 9Page - Linear Technology LT3013B Datasheet HTML 10Page - Linear Technology LT3013B Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3013B
7
3013bfb
PIN FUNCTIONS (DFN/TSSOP)
NC (Pins 1, 8, 9, 12/Pins 2, 11, 12, 15): No Connect. No
Connect pins may be floated, tied to IN or tied to GND.
OUT (Pins 2, 3/Pins 3, 4): Output. The output supplies
power to the load. A minimum output capacitor of 3.3μF
is required to prevent oscillations. Larger output capaci-
tors will be required for applications with large transient
loads to limit peak voltage transients. See the Applications
Information section for more information on output ca-
pacitance and reverse output characteristics.
ADJ (Pin 4/Pin 5): Adjust. This is the input to the error
amplifier. This pin is internally clamped to ±7V. It has a
bias current of 30nA which flows into the pin (see curve
of ADJ Pin Bias Current vs Temperature in the Typical
Performance Characteristics). The ADJ pin voltage is
1.24V referenced to ground, and the output voltage range
is 1.24V to 60V.
GND (Pin 5/Pins 1, 6, 8, 9, 16): Ground.
PWRGD (Pin 6/Pin 7): Power Good. The PWRGD flag is
an open-collector flag to indicate that the output voltage
has come up to above 90% of the nominal output voltage.
There is no internal pull-up on this pin; a pull-up resistor
must be used. The PWRGD pin will change state from an
open-collector to high impedance after both the output
is above 90% of the nominal voltage and the capacitor
on the CT pin has charged through a 1V differential. The
maximum pull-down current of the PWRGD pin in the low
state is 50μA.
CT (Pin 7/Pin 10): Timing Capacitor. The CT pin allows
the use of a small capacitor to delay the timing between
the point where the output crosses the PWRGD thresh-
old and the PWRGD flag changes to a high impedance
state. Current out of this pin during the charging phase
is 3μA. The voltage difference between the PWRGD low
and PWRGD high states is 1.6V (see the Applications
Information Section).
IN (Pins 10, 11/Pins 13,14): Input. Power is supplied
to the device through the IN pin. A bypass capacitor is
required on this pin if the device is more than six inches
away from the main input filter capacitor. In general, the
output impedance of a battery rises with frequency, so it is
advisable to include a bypass capacitor in battery-powered
circuits. A bypass capacitor in the range of 1μF to 10μF is
sufficient. The LT3013B is designed to withstand reverse
voltages on the IN pin with respect to ground and the OUT
pin. In the case of a reversed input, which can happen if
a battery is plugged in backwards, the LT3013B will act
as if there is a diode in series with its input. There will be
no reverse current flow into the LT3013B and no reverse
voltage will appear at the load. The device will protect both
itself and the load.
Exposed Pad (Pin 13/Pin 17): Ground. The exposed
backside of the package is an electrical connection for
GND. As such, to ensure optimum device operation and
thermal performance, the Exposed Pad must be connected
directly to Pin 5/Pin 6 on the PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com