Electronic Components Datasheet Search
  English  ▼

X  

LTC1064 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1064
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064 Datasheet(HTML) 1 Page - Linear Technology

  LTC1064 Datasheet HTML 1Page - Linear Technology LTC1064 Datasheet HTML 2Page - Linear Technology LTC1064 Datasheet HTML 3Page - Linear Technology LTC1064 Datasheet HTML 4Page - Linear Technology LTC1064 Datasheet HTML 5Page - Linear Technology LTC1064 Datasheet HTML 6Page - Linear Technology LTC1064 Datasheet HTML 7Page - Linear Technology LTC1064 Datasheet HTML 8Page - Linear Technology LTC1064 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC1064
1
1064fb
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
10k
18.25k
10.7k
10k
12.1k
17.4k
RH2
102k
13k
66.5k
RL2
26.7k
41.2k
12.7k
14k
121k
10k
22.1k
VIN
8V
(FROM
RH2, RL2)
5MHz
0.1
µF
0.1
µF
–8V
PIN 12
VOUT
1064 TA01
8V
10k
49.9K
11.5K
FOR fCLK = 5MHz, ADD C1 = 10pF BETWEEN PINS 4, 1
C2 = 10pF BETWEEN PINS 21, 24
C3 = 27pF BETWEEN PINS 9, 12
WIDEBAND NOISE
≅ 140µVRMS
■ Anti-Aliasing Filters
■ Wide Frequency Range Tracking Filters
■ Spectral Analysis
■ Loop Filters
■
Four Filters in a 0.3 Inch Wide Package
■ Maximum Center Frequency: 140kHz
■ Customized Version with Internal Resistors
Available
■ One Half the Noise of the LTC1059/LTC1060/
LTC1061 Devices
■
Maximum Clock Frequency: 7MHz
■ Clock-to-Center Frequency Ratio of 50:1 and 100:1
Simultaneously Available
■
Power Supplies:
±2.375V to ±8V
■ Low Offsets
■ Low Harmonic Distortion
■
Available in 24-Pin DIP and SO Wide Packages
The LTC
®1064 consists of four high speed, low noise
switched-capacitor filter building blocks. Each filter build-
ing block, together with an external clock and three to five
resistors can provide various 2nd order functions like
lowpass, highpass, bandpass and notch. The center fre-
quency of each 2nd order function can be tuned with an
external clock, or a clock and resistor ratio. For Q
≤ 5, the
center frequency range is from 0.1Hz to 100kHz. For Q
≤
3, the center frequency range can be extended to 140kHz.
Up to 8th order filters can be realized by cascading all four
2nd order sections. Any classical filter realization (such as
Butterworth, Cauer, Bessel and Chebyshev) can be formed.
A customized monolithic version of the LTC1064 includ-
ing internal thin film resistors can be obtained for high
volume applications. Consult LTC Marketing for details.
APPLICATIO S
TYPICAL APPLICATIO
DESCRIPTIO
FEATURES
Low Noise, Fast, Quad
Universal Filter Building Block
Gain vs Frequency
Clock-Tunable 8th Order Cauer Lowpass Filter with fCUTOFF up to 100kHz
INPUT FREQUENCY (Hz)
1k
10k
100k
1M
1064 TA02
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
fCLK = 5MHz
RIPPLE =
±0.1dB
fCLK = 1MHz
RIPPLE =
±0.05dB
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTCMOS is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064 Datasheet
325Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
logo
Analog Devices
LTC1064 AD-LTC1064 Datasheet
270Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
REV B
LTC1064 AD-LTC1064 Datasheet
388Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
REV C
LTC1064 AD-LTC1064 Datasheet
262Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
REV B
More results

Similar Description - LTC1064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com