Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1065
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1065 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1065 Datasheet HTML 7Page - Linear Technology LTC1065 Datasheet HTML 8Page - Linear Technology LTC1065 Datasheet HTML 9Page - Linear Technology LTC1065 Datasheet HTML 10Page - Linear Technology LTC1065 Datasheet HTML 11Page - Linear Technology LTC1065 Datasheet HTML 12Page - Linear Technology LTC1065 Datasheet HTML 13Page - Linear Technology LTC1065 Datasheet HTML 14Page - Linear Technology LTC1065 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1065
1065fb
S
APPLICATI
I FOR ATIO
An input RC can be used to attenuate incoming signals
close to the filter clock frequency (Figure 10). A Bessel
passband response will be maintained if the value of the
input resistor follows Table 1.
Table 4. Aliasing Data
INPUT FREQUENCY
OUTPUT FREQUENCY
0.9995 fCLK
0.0005 fCLK
– 0.01 dB
0.995 fCLK
0.005 fCLK
– 0.98 dB
0.99
fCLK
0.01
fCLK
–3.13 dB
0.9875 fCLK
0.0125 fCLK
– 4.79 dB
0.985 fCLK
0.015 fCLK
– 7.21 dB
0.9825 fCLK
0.0175 fCLK
– 10.43 dB
0.98
fCLK
0.02
fCLK
– 14.14 dB
0.975 fCLK
0.025 fCLK
– 21.84 dB
0.97
fCLK
0.03
fCLK
– 28.98 dB
0.965 fCLK
0.035 fCLK
– 35.31 dB
0.96
fCLK
0.04
fCLK
– 40.94 dB
0.955 fCLK
0.045 fCLK
– 45.96 dB
0.95
fCLK
0.05
fCLK
– 50.46 dB
0.94
fCLK
0.06
fCLK
– 58.29 dB
0.93
fCLK
0.07
fCLK
– 64.90 dB
0.9
fCLK
0.1
fCLK
– 80.20 dB
OUTPUT AMPLITUDE
REFERENCED TO
INPUT SIGNAL
VIN
VOUT
1065 F10
C
V–
V+
R
0.1
µF
1
2
3
4
8
7
6
5
LTC1065
0.1
µF
fCLK
20
10
2
πRC
≤
≤
1
fCLK
fCLK
Figure 10. Adding an Input Anti-Aliasing RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com